Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 206 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 206 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 202Page - National Semiconductor (TI) PC87417 Datasheet HTML 203Page - National Semiconductor (TI) PC87417 Datasheet HTML 204Page - National Semiconductor (TI) PC87417 Datasheet HTML 205Page - National Semiconductor (TI) PC87417 Datasheet HTML 206Page - National Semiconductor (TI) PC87417 Datasheet HTML 207Page - National Semiconductor (TI) PC87417 Datasheet HTML 208Page - National Semiconductor (TI) PC87417 Datasheet HTML 209Page - National Semiconductor (TI) PC87417 Datasheet HTML 210Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
206
Revision1.2
9.4.4
PM1 Enable Low Register (PM1b_EN_LOW)
This register contains the eight low bits of the PM1_EN register. The PC8741x devices contain the block ‘b’ instance of the
PM1_EN register. This register belongs to the PM1 Event Group of the ACPI fixed-feature space registers.
PM1_EN register bits that are specified by the ACPI but not implemented in the PC8741x devices have a ‘0’ value.
Power Well:VSB
Location: Offset 02h
Type:
RO
2
RTC_STS (RTC Event Status). Indicates that an enabled RTC alarm has occurred. This bit is set by the RTC
alarm becoming active. Writing ‘1’ clears this bit and the RTC_EVT_STS bit in the GPE1_STS_3 register; writing
‘0’ is ignored. This bit is forced to ‘0’ when the RTC_EV_DIS bit in the ACPI_CFG register is reset to ‘0’, ignoring
any RTC alarm.
0: Inactive (default)
1: An RTC alarm has occurred
1
SLPBTN_STS (Sleep Button Event Status). Indicates that the Sleep button was pressed. This feature is
compatible with the ACPI model for a two-button system. The SLBTIN signal is internally debounced. Writing ‘1’
clears this bit and the SLBT_EVT_STS bit in the GPE1_STS_2 register; writing ‘0’ is ignored. This bit is forced
to ‘0’ when the SLPBTN_EV_DIS bit in the ACPI_CFG register is reset to ‘0’, ignoring any Sleep button event.
0: Inactive (default)
1: The Sleep button was pressed
0
PWRBTN_STS (Power Button Event Status). Indicates that the Power button was pressed. This feature is
compatible with the ACPI model for both a single-button and a two-button system. The PWBTIN signal is
internally debounced. Writing ‘1’ clears this bit and the PWBT_EVT_STS bit in the GPE1_STS_2 register; writing
‘0’ is ignored. This bit is forced to ‘0’ when the PWRBTN_EV_DIS bit in the ACPI_CFG register is reset to ‘0’,
ignoring any Power button event. This bit is also cleared in Legacy Power Button mode (LEGACY_PWBT = 1
in PWONCTL) when VDD is turned off by pressing the Power button.
0: Inactive (default)
1: The Power button was pressed
Bit
76543210
Name
Reserved
GBL_EN
Reserved
TMR_EN
Reset
00000000
Bit
Description
7-6
Reserved.
5
GBL_EN (Global Lock Enable). Not implemented. Always at ‘0’.
4-1
Reserved.
0
TMR_EN (PM Timer Enable). Not implemented. Always at ‘0’.
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com