Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 52Page - National Semiconductor (TI) PC87417 Datasheet HTML 53Page - National Semiconductor (TI) PC87417 Datasheet HTML 54Page - National Semiconductor (TI) PC87417 Datasheet HTML 55Page - National Semiconductor (TI) PC87417 Datasheet HTML 56Page - National Semiconductor (TI) PC87417 Datasheet HTML 57Page - National Semiconductor (TI) PC87417 Datasheet HTML 58Page - National Semiconductor (TI) PC87417 Datasheet HTML 59Page - National Semiconductor (TI) PC87417 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
56
Revision1.2
3.7.10
Clock Generator Configuration Register (CLOCKCF)
Power Well:VSB
Location:Index 29h
Type:
Varies per bit
Bit
76
5
43210
Name
LOCKCCF
LFCKSEL
HFCKDIS
CKVALID
CKIN48
HFCKDIV
Reset
0
0
0
0
Strap
0
0
See Table
Bit
Type
Description
7
R/W1S LOCKCCF (Lock Clock Configuration). When set to 1, this bit locks the configuration register
CLOCKCF by disabling writing to all its bits (including to the LOCKCCF bit itself). Once set, this bit can
be cleared either by VDD Power-Up reset (or Hardware reset) or by VSB Power-Up reset, according to
the VSBLOCK bit in the ACBLKCTL register (see Section 6.3.4 on page 128). In addition, this bit is
cleared by setting the UNLOCKC bit in the ACBLKCTL register (PC87413 and PC87417).
0: R/W bits are enabled for write (default)
1: All bits are RO
6
R/W or
RO
LFCKSEL (Low Frequency Clock Select). Selects the frequency generated at the LFCKOUT pin.
0: 32.768 KHz (default)
1: 1 Hz
5
R/W or
RO
HFCKDIS (High Frequency Clock Disable). Disables both the HFCKOUT output and the
programmable divider to save power.
0: Enabled (default)
1: Disabled (set low)
4RO
CKVALID (Valid Multiplier Clock Status). This bit indicates the status of output from the Frequency
Multiplier (the internal clock signal).
0: Internal clock frozen (default)
1: Internal clock active (stable and toggling)
3RO
CKIN48 (Clock Input Available). This bit indicates the value of the CKIN48 strap input, sampled at VSB
Power-Up reset.
0: No clock is available at the CLKIN pin (pin 56 connected to GPIO55)
1: A 48 MHz clock is available at the CLKIN pin (pin 56 connected to CLKIN)
2-0
R/W or
RO
HFCKDIV (High Frequency Clock Divisor). These bits define the value by which the 48 MHz or 40
MHz internal clock frequency is divided to generate the HFCKOUT signal. The resulting frequency
depends on the value of the CKIN48 bit (see Table 7 on page 37).
Bits
2 1 0
Function
0 0 0:
Divide by 1 (default for CKIN48 = 1)
0 0 1:
Divide by 2 (default for CKIN48 = 0)
0 1 0:
Divide by 3
0 1 1:
Divide by 4
1 0 0:
Divide by 6
1 0 1:
Divide by 8
1 1 0:
Divide by 12
1 1 1:
Divide by 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com