Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 23Page - National Semiconductor (TI) PC87417 Datasheet HTML 24Page - National Semiconductor (TI) PC87417 Datasheet HTML 25Page - National Semiconductor (TI) PC87417 Datasheet HTML 26Page - National Semiconductor (TI) PC87417 Datasheet HTML 27Page - National Semiconductor (TI) PC87417 Datasheet HTML 28Page - National Semiconductor (TI) PC87417 Datasheet HTML 29Page - National Semiconductor (TI) PC87417 Datasheet HTML 30Page - National Semiconductor (TI) PC87417 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 257 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.2
27
www.national.com
1.4.7
Keyboard and Mouse Controller (KBC)
1.4.8
General-Purpose I/O (GPIO)
Signal
Pin/s
I/O Buffer Type Power Well
Description
KBCLK
125
I/O
INTS/OD14
VDD
Keyboard Clock. Keyboard clock signal. External pull-up resistor
is required for PS/2 compliance. This pin is monitored during VDD
power-off for wake-up event detection.
KBDAT
126
I/O
INTS/OD14
VDD
Keyboard Data. Keyboard data signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD
power-off for wake-up event detection.
MCLK
127
I/O
INTS/OD14
VDD
Mouse Clock. Mouse clock signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD
power-off for wake-up event detection.
MDAT
128
I/O
INTS/OD14
VDD
Mouse Data. Mouse data signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD
power-off for wake-up event detection.
KBRST
122
I/O
INT/OD2
VDD
KBD Reset. Keyboard reset (P20) open-drain output.
GA20
123
I/O
INT/OD2
VDD
Gate A20. KBC gate A20 (P21) open-drain output.
P12,
P16, P17
121,
70, 66
I/O
INT/OD2,
O2/2
VDD
I/O Port. KBC quasi-bidirectional signal for general-purpose input
and output (controlled by KBC firmware).
Signal
Pin(s)
I/O Buffer Type Power Well
Description
GPIO01-04
125-128
I/O
INTS/
OD14,O3/14
VSB
General-Purpose I/O Ports. Each pin is configured
independently as input or I/O with or without static pull-up and
with either open-drain or push-pull output type. The GPIOEnn
pins have event detection capability.
GPIOE44, 45 50, 51
I/O
INTS/
OD12,O12/12
VSB
GPIO07
13
I/O
INTS/
OD4,O2/4
VSB
GPIO53
45
I/O
INTS/
OD2,O1/2
VSB
GPIO00,
GPIO05-06,
GPIOE10-17,
GPIO20-25,
GPIO26-27,
GPIO30-37,
GPIOE40-41,
GPIOE42, 43,
GPIOE46, 47,
GPIO50-52,
GPIO54, 55
124
9-10
1-8
14-19
22-23
24-31
2-21
35, 49
52, 53
36-38
54, 56
I/O
INTS/
OD6,O3/6
VSB
GPO60-62,
63, 64
32-34,
48, 55
OOD6,O3/6
VSB
General-Purpose Output Ports. Each pin is configured
independently for either open-drain or push-pull output type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com