Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 71Page - National Semiconductor (TI) PC87417 Datasheet HTML 72Page - National Semiconductor (TI) PC87417 Datasheet HTML 73Page - National Semiconductor (TI) PC87417 Datasheet HTML 74Page - National Semiconductor (TI) PC87417 Datasheet HTML 75Page - National Semiconductor (TI) PC87417 Datasheet HTML 76Page - National Semiconductor (TI) PC87417 Datasheet HTML 77Page - National Semiconductor (TI) PC87417 Datasheet HTML 78Page - National Semiconductor (TI) PC87417 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
75
www.national.com
3.15 X-BUS CONFIGURATION
This section is relevant only for the PC87416 and PC87417.
3.15.1
Logical Device F (X-Bus) Configuration
Table 27 lists the configuration registers that affect the X-Bus functional block. The X-Bus base address registers point to
the X-Bus runtime registers described in Section 5.4 on page 107. The memory space to which the X-Bus responds is de-
fined by the configuration registers described in the sections below. See Section 3.2.3 on page 40 for a detailed description
of the other configuration registers. The standard configuration registers are powered by VDD, however the specific config-
uration registers are powered by VSB.
Table 27. X-Bus Configuration Registers
3.15.2
X-Bus I/O Range Programming
LPC I/O transactions can be forwarded to the X-Bus of the PC8741x device. The X-Bus I/O configuration registers define
the map of I/O addresses to be forwarded. The PC8741x provides five individually enabled I/O zones. Each zone generates
an internal select signal that is sent to the X-Bus functional block. The mapping of the internal select signals to the XCS0-3
signals of the PC8741x device is controlled by the X-Bus functional block. See Section 5.2 on page 92 for further details.
The supported I/O zones are:
q
User-Defined I/O Zone 0 through 3 (UDIZ0-3) - specified using the zone size (2n where n is 0 through 8) and start
address (must be aligned with the zone size).
q
Debug Port Address (TST) - This zone is for debug use only.
Index
Configuration Register or Action
Type
Power Well
Reset
30h
Activate (see Section 3.3.1 on page 43). When bit 0 is cleared, the
registers of this logical device are not accessible.
R/W
VDD
00h
60h
Base Address MSB register.
R/W
VDD
00h
61h
Base Address LSB register. Bits 4-0 (for A4-A0) are read only, 00000b. Varies per bit
VDD
00h
70h
Interrupt Number and wake-up on IRQ enable.
RO
VDD
00h
71h
Interrupt Type.
RO
VDD
00h
74h
Report no DMA assignment.
RO
VDD
04h
75h
Report no DMA assignment.
RO
VDD
04h
F0h
X-Bus I/O Configuration register (XIOCNF).
Varies per bit
VSB
00h
F1h
X-Bus I/O Base Address 1 High Byte register (XIOBA1H).
R/W or RO
VSB
00h
F2h
X-Bus I/O Base Address 1 Low Byte register (XIOBA1L).
R/W or RO
VSB
00h
F3h
X-Bus I/O Size 1 Configuration register (XIOSIZE1).
R/W or RO
VSB
00h
F4h
X-Bus I/O Base Address 2 High Byte register (XIOBA2H).
R/W or RO
VSB
00h
F5h
X-Bus I/O Base Address 2 Low Byte register (XIOBA2L).
R/W or RO
VSB
00h
F6h
X-Bus I/O Size 2 Configuration register (XIOSIZE2).
R/W or RO
VSB
00h
F7h
X-Bus Memory Configuration register 1 (XMEMCNF1).
R/W or RO
VSB
00h
F8h
X-Bus Memory Configuration register 2 (XMEMCNF2).
Varies per bit
VSB
00h
F9h
X-Bus Memory Base Address High Byte register (XMEMBAH).
R/W or RO
VSB
00h
FAh
X-Bus Memory Base Address Low Byte register (XMEMBAL).
R/W or RO
VSB
00h
FBh
X-Bus Memory Size Configuration register (XMEMSIZE).
R/W or RO
VSB
00h
FCh
X-Bus IRQ Mapping register (XIRQMAP).
R/W
VSB
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com