Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 20Page - National Semiconductor (TI) PC87417 Datasheet HTML 21Page - National Semiconductor (TI) PC87417 Datasheet HTML 22Page - National Semiconductor (TI) PC87417 Datasheet HTML 23Page - National Semiconductor (TI) PC87417 Datasheet HTML 24Page - National Semiconductor (TI) PC87417 Datasheet HTML 25Page - National Semiconductor (TI) PC87417 Datasheet HTML 26Page - National Semiconductor (TI) PC87417 Datasheet HTML 27Page - National Semiconductor (TI) PC87417 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 257 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
24
Revision1.2
1.4.4
Serial Port 1 and Serial Port 2 (UART1 and UART2)
Signal
Pin/s
I/O Buffer Type Power Well
Description
CTS1
CTS2
99
107
IINTS
VDD
Clear to Send. When low, indicates that the modem or other data
transfer device is ready to exchange data.
DCD1
DCD2
94
102
IINTS
VDD
Data Carrier Detected. When low, indicates that the modem or
other data transfer device has detected the data carrier.
DSR1
DSR2
95
103
IINTS
VDD
Data Set Ready. When low, indicates that the data transfer device,
e.g., modem, is ready to establish a communications link.
DTR1_
BOUT1
DTR2_
BOUT2
100
108
OO3/6
VDD
Data Terminal Ready. When low, indicates to the modem or other
data transfer device that the UART is ready to establish a
communications link. After a system reset, these pins provide the
DTR function and set these signals to inactive high. Loopback
operation holds them inactive.
Baud Output. Provides the associated serial channel baud rate
generator output signal if Test mode is selected, i.e., bit 7 of the
EXCR1 register is set.
RI1
RI2
101
109
IINTS
VDD
Ring Indicator. When low, indicates that a telephone ring signal
has been received by the modem. These pins are monitored
during VDD power-off for wake-up event detection.
RTS1
RTS2
97
105
OO3/6
VDD
Request to Send. When low, indicates to the modem or other
data transfer device that the corresponding UART is ready to
exchange data. A system reset sets these signals to inactive high,
and loopback operation holds them inactive.
SIN1
SIN2
96
104
IINTS
VDD
Serial Input. Receives composite serial data from the
communications link (peripheral device, modem or other data
transfer device).
SOUT1
SOUT2
98
106
OO3/6
VDD
Serial Output. Sends composite serial data to the communications
link (peripheral device, modem or other data transfer device).
These signals are set active high after a system reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com