Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 24Page - National Semiconductor (TI) PC87417 Datasheet HTML 25Page - National Semiconductor (TI) PC87417 Datasheet HTML 26Page - National Semiconductor (TI) PC87417 Datasheet HTML 27Page - National Semiconductor (TI) PC87417 Datasheet HTML 28Page - National Semiconductor (TI) PC87417 Datasheet HTML 29Page - National Semiconductor (TI) PC87417 Datasheet HTML 30Page - National Semiconductor (TI) PC87417 Datasheet HTML 31Page - National Semiconductor (TI) PC87417 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 257 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
28
Revision1.2
1.4.9
System Wake-Up Control (SWC)
Signal
Pin(s)
I/O Buffer Type
Power
Well
Description
GPIOE10-17,
GPIOE40-41,
GPIOE42,
GPIOE43-47,
1-8
2-21
35
49-53
IINTS
VSB
Wake-up Inputs. Generate a wake-up event or an interrupt.
These pins have programmable debounce protection.
RI1
RI2
101
109
IINTS
VSB
Ring Indicator Wake-up. When low, generates a wake-up
event or an interrupt, indicating that a telephone ring signal was
received by the modem.
KBCLK
125
I/O
INTS/OD14
VSB
Keyboard Clock Wake-up. Generates a wake-up event or an
interrupt, indicating a change in the keyboard clock signal.
KBDAT
126
I/O
INTS/OD14
VSB
Keyboard Data Wake-up. Generates a wake-up event or an
interrupt, indicating a change in the keyboard data signal.
MCLK
127
I/O
INTS/OD14
VSB
Mouse Clock Wake-up. Generates a wake-up event or an
interrupt, indicating a change in the mouse clock signal.
MDAT
128
I/O
INTS/OD14
VSB
Mouse Data Wake-up. Generates a wake-up event or an
interrupt, indicating a change in the mouse data signal.
PWBTIN
36
I
INTS
VSB
Power Button In. Active (low) level indicates a user request to
turn the power on or off. This pin has debounce protection.
PWBTOUT
49
O
OD6
VSB
Power Button Out. Output for the chip-set Power button input.
SLBTIN
35
I
INTS
VSB
Sleep Button In. Active (low) level indicates a user request to
enter or exit Sleep mode. This pin has debounce protection.
SLPS3,
SLPS5
52, 53
I
INTS
VSB
Sleep State 3 to 5. Active (low) level indicates the system is in
one of the sleep states S3, S4 or S5. These signals are
generated by an external ACPI controller.
Pins
SLPS3 SLPS5Functionality
1
1
Working state (S0) or sleep states S1 or S2
0
1
Sleep state S3
0
0
Sleep states S4 or S5
1
0
Illegal combination
SIOSCI
38
O
OD6
VSB
System Control Interrupt. Active (low) level indicates that a
wake-up event occurred, causing the system to exit its current
sleep state. External pull-up resistor to VSB is required.
SIOSMI
37
O
OD6
VSB
System Management Interrupt. Active (low) level indicates
that an SMI occurred. External pull-up resistor to VSB is
required.
ONCTL
39
O
OD6
VSB
Power Supply On/Off Control. Active level (low) indicates that
the power should be turned on. External pull-up resistor is
required
LED1, LED2
50, 51
O
O12/12
VSB
LED Drive. These outputs can be connected directly to LED
devices. They can be configured as one dual-colored LED or
two single-colored LEDs with programmable blink rate for all
LEDs.
VDDFELL
54
O
O3/6
VSB
VDD Power Fell. Active pulse (high) indicates that the VDD
power supply has been turned off. Optionally, this pin can be
used to drive an external circuit that pulses the VSB power to
the Keyboard and Mouse, thus resetting them.
WDO
55
O
O3/6
VSB
Watchdog Out. An active pulse (low) of a fixed width; it is
generated when a watchdog time-out occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com