Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 58Page - National Semiconductor (TI) PC87417 Datasheet HTML 59Page - National Semiconductor (TI) PC87417 Datasheet HTML 60Page - National Semiconductor (TI) PC87417 Datasheet HTML 61Page - National Semiconductor (TI) PC87417 Datasheet HTML 62Page - National Semiconductor (TI) PC87417 Datasheet HTML 63Page - National Semiconductor (TI) PC87417 Datasheet HTML 64Page - National Semiconductor (TI) PC87417 Datasheet HTML 65Page - National Semiconductor (TI) PC87417 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
62
Revision1.2
3.9.3
Parallel Port Configuration Register
This register is reset by hardware to F2h.
Power Well:VDD
Location:Index F0h
Type:
R/W
Bit
76543210
Name
Parallel Port Mode Select
Extended
Register
Access
Reserved
Power
Mode
Control
TRI-STATE
Control
Reset
11110010
Bit
Description
7-5
Parallel Port Mode Select.
000: SPP-Compatible mode. PD7-0 are always output signals
001: SPP Extended mode. PD7-0 direction is controlled by software
010: EPP 1.7 mode
011: EPP 1.9 mode
100: ECP mode (IEEE1284 register set), with no support for EPP mode
101: Reserved
110: Reserved
111: ECP mode (IEEE1284 register set), with EPP mode selectable as mode 4 (default)
Selection of EPP 1.7 or 1.9 in ECP mode 4 is controlled by bit 4 of the Control2 configuration register of the
parallel port at offset 02h.
Note: Before setting bits 7-5, enable the parallel port and set CTR/DCR (at base address + 2) to C4h.
4
Extended Register Access.
0: Registers at base (address) + 403h, base + 404h and base + 405h are not accessible (reads and writes are
ignored)
1: Registers at base (address) + 403h, base + 404h and base + 405h are accessible. This option supports run-
time configuration within the Parallel Port address space (default).
3-2
Reserved.
1
Power Mode Control. When the logical device is active:
0: Parallel port clock disabled. ECP modes and EPP time-out are not functional when the logical device is active.
Registers are maintained.
1: Parallel port clock enabled. All operation modes are functional when the logical device is active (default).
0
TRI-STATE Control. When enabled and the device is inactive (see Section 3.3.1 on page 43), the logical device
output pins are in TRI-STATE.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com