Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 49Page - National Semiconductor (TI) PC87417 Datasheet HTML 50Page - National Semiconductor (TI) PC87417 Datasheet HTML 51Page - National Semiconductor (TI) PC87417 Datasheet HTML 52Page - National Semiconductor (TI) PC87417 Datasheet HTML 53Page - National Semiconductor (TI) PC87417 Datasheet HTML 54Page - National Semiconductor (TI) PC87417 Datasheet HTML 55Page - National Semiconductor (TI) PC87417 Datasheet HTML 56Page - National Semiconductor (TI) PC87417 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
53
www.national.com
3.7.6
ServerI/O Configuration 5 Register (SIOCF5)
Power Well:VSB
Location:Index 25h
Type:
R/W or RO
Bit
76
5
43210
Name
XIRQMUX
XSTB2MUX XSTB1MUX XSTB0MUX XCS3MUX
XCS2MUX
XCS1MUX
XCS0MUX
Reset
0
Strap
Strap
Strap
0
0
0
Strap
Bit
Description
7
XIRQMUX (XIRQ Multiplex Control). Selects the function connected to pin 10.
0: GPIO06 port - GPIO (default; internally, XIRQ is set to 0; Interrupt not active)
1: XIRQ - X-Bus (PC87416 and PC87417)
6
XSTB2MUX (XSTB2 Multiplex Control). Selects the function connected to pin 32. The default value is set to 0
if XCNF2 = 1 or to 1 if XCNF2 = 0. The XCNF2 strap is sampled at VSB Power-Up reset.
0: XSTB2 - X-Bus (PC87416 and PC87417)
1: GPO60 port - GPIO
5
XSTB1MUX (XSTB1 Multiplex Control). Selects the function connected to pin 33. The default value is set to 0
if XCNF2 = 1 or to 1 if XCNF2 = 0. The XCNF2 strap is sampled at VSB Power-Up reset.
0: XSTB1 - X-Bus (PC87416 and PC87417)
1: GPO61 port - GPIO
4
XSTB0MUX (XSTB0 Multiplex Control). Selects the function connected to pin 34. The default value is set to 0
if XCNF2 = 1 or to 1 if XCNF2 = 0. The XCNF2 strap is sampled at VSB Power-Up reset.
0: XSTB0 - X-Bus (PC87416 and PC87417)
1: GPO62 port - GPIO
3
XCS3MUX (XCS3 Multiplex Control). Selects the function connected to pin 20.
0: GPIOE40 port - GPIO (default)
1: XCS3 - X-Bus (PC87416 and PC87417)
2
XCS2MUX (XCS2 Multiplex Control). Selects the function connected to pin 21.
0: GPIOE41 port - GPIO (default)
1: XCS2 - X-Bus (PC87416 and PC87417)
1
XCS1MUX (XCS1 Multiplex Control). Selects the function connected to pin 22.
0: GPIO26 port - GPIO (default)
1: XCS1 - X-Bus (PC87416 and PC87417)
0
XCS0MUX (XCS0 Multiplex Control). Selects the function connected to pin 23. The default value is set to 0 if
XCNF2 = 1 or to 1 if XCNF2 = 0. The XCNF2 strap is sampled at VSB Power-Up reset.
0: XCS0 - X-Bus (PC87416 and PC87417)
1: GPIO27 port - GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com