Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 19Page - National Semiconductor (TI) PC87417 Datasheet HTML 20Page - National Semiconductor (TI) PC87417 Datasheet HTML 21Page - National Semiconductor (TI) PC87417 Datasheet HTML 22Page - National Semiconductor (TI) PC87417 Datasheet HTML 23Page - National Semiconductor (TI) PC87417 Datasheet HTML 24Page - National Semiconductor (TI) PC87417 Datasheet HTML 25Page - National Semiconductor (TI) PC87417 Datasheet HTML 26Page - National Semiconductor (TI) PC87417 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 257 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.2
23
www.national.com
1.4.1
LPC Interface
1.4.2
ACCESS.bus (ACB) Interface (PC87413 and PC87417)
1.4.3
X-Bus Extension (PC87416 and PC87417)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
LAD3-01
1. This pin is neither 5-Volt tolerant, nor back-drive protected.
110-113 I/O
INPCI/OPCI
VDD
LPC Address-Data. Multiplexed command, address bidirectional
data and cycle status.
LCLK1
114
I
INPCI
VDD
LPC Clock. Derived from the PCI clock (up to 33 MHz).
LFRAME1
117
I
INPCI
VDD
LPC Frame. Low pulse indicates the beginning of a new LPC cy-
cle or termination of a broken cycle.
LDRQ1
118
O
OPCI
VDD
LPC DMA Request. Encoded DMA request for LPC Interface.
LRESET1
120
I
INPCI
VDD
LPC Reset. Derived from the PCI system reset.
SERIRQ1
119
I/O
INPCI/OPCI
VDD
Serial IRQ. The interrupt requests are serialized over a single pin,
where each IRQ level is delivered during a designated time slot.
CLKRUN1
124
I/OD INPCI/OD6
VDD
Clock Run. Indicates that LCLK is going to be stopped and re-
quests full-speed LCLK (same behavior as PCI CLKRUN).
Signal
Pin(s)
I/O Buffer Type Power Well
Description
ACBCLK
47
I/O
INSM/OD6
VSB
ACCESS.bus Clock. An internal pull-up for this pin is optional.
ACBDAT
46
I/O
INSM/OD6
VSB
ACCESS.bus Serial Data. An internal pull-up for this pin is
optional.
Signal
Pin/s
I/O Buffer Type Power Well
Description
XRD_XEN
14
O
O3/6
VSB
Read. Active (low) level indicates read cycle on the X-Bus.
Enable. Active (high) level indicates valid data on the X-Bus.
XWR_XRW15
O
O3/6
VSB
Write. Active (low) level indicates a write cycle on the X-Bus.
Read/Write. A high level indicates a read cycle on the X-Bus; a
low level indicates a write cycle on the X-Bus.
XD7-0
24-31
I/O
INTS/O3/6
VSB
Data Bus. 8-bit data multiplexed with the address lines XA27-4.
XA11-4,
XA3-0
1-8
16-19
OO3/6
VSB
Address Bus. The XA27-12 address lines are always multiplexed
with the data lines.
XSTB2-0
32-34
O
O3/6
VSB
Address Strobes. Control the strobe of up to three external
latches for the multiplexed address lines.
XCS3-0
20-23
O
O3/6
VSB
Chip Selects. Control the selection of up to four devices residing
on the X-Bus.
XRDY
9
I
INTS
VSB
I/O Ready. Instructs the PC8741x to extend the access cycle.
XIRQ
10
I
INTS
VSB
X-Bus Interrupt. Converted into serial interrupt by the Interrupt
Serializer. The system configuration includes the interrupt number
associated with this signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com