Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 211 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 211 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 207Page - National Semiconductor (TI) PC87417 Datasheet HTML 208Page - National Semiconductor (TI) PC87417 Datasheet HTML 209Page - National Semiconductor (TI) PC87417 Datasheet HTML 210Page - National Semiconductor (TI) PC87417 Datasheet HTML 211Page - National Semiconductor (TI) PC87417 Datasheet HTML 212Page - National Semiconductor (TI) PC87417 Datasheet HTML 213Page - National Semiconductor (TI) PC87417 Datasheet HTML 214Page - National Semiconductor (TI) PC87417 Datasheet HTML 215Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
211
www.national.com
9.4.11
General-Purpose Status 1 Register 3 (GPE1_STS_3)
This register contains bits 24-31 of the GPE1_STS register. This register belongs to the General-Purpose Event 1 Group of
the ACPI fixed-feature space registers.
The status bits behave according to the Sticky Status Bit definition (the bit is set by the HIGH level of the hardware signal
and is only cleared by the software writing ‘1’ to it) in the ACPI Specification.
Power Well:VSB
Location: Offset 03h
Type:
R/W1C
3
KBD_EVT1_STS (Keyboard Event 1 Status). This bit indicates that a keyboard event occurred and was
identified by the Keyboard/Mouse Wake-up Detector. The event type depends on the selected operation mode
for the Keyboard/Mouse Wake-up Detector (see Sections 9.3.16 and 9.3.17 on pages 193ff.):
q
Pressing any key or a sequence of special keys in Special Key Sequence mode.
q
Pressing a sequence of keys in Password mode.
q
Pressing the “PM Key 1” in Power Management Key mode.
Writing ‘1’ clears this bit; writing ‘0’ is ignored.
0: Inactive since last cleared (default)
1: A keyboard event occurred
2
MS_EVT_STS (Mouse Event Status). Indicates that a mouse event occurred and was identified by the
Keyboard/Mouse Wake-up Detector (see Section 9.3.17 on page 194). Writing ‘1’ clears this bit; writing ‘0’ is
ignored.
0: Inactive since last cleared (default)
1: A mouse event occurred
1
RI2_EVT_STS (RI2 Event Status). Indicates that a telephone ring signal was received at Serial Port 2 and the
event was identified by the RI Wake-up Detector. This bit is set by a high-to-low transition at the RI2 pin (see
Section 9.2.1 on page 162). Writing ‘1’ clears this bit; writing ‘0’ is ignored.
0: Inactive since last cleared (default)
1: A telephone ring signal was received at the Serial Port 2
0
RI1_EVT_STS (RI1 Event Status). Indicates that a telephone ring signal was received at Serial Port 1 and the
event was identified by the RI Wake-up Detector. This bit is set by a high-to low transition at the RI1 pin (see
Section 9.2.1 on page 162). Writing ‘1’ clears this bit; writing ‘0’ is ignored.
0: Inactive since last cleared (default)
1: A telephone ring signal was received at the Serial Port 1
Bit
76543210
Name
SW_OFF
_STS
SW_ON
_STS
WDO_EVT
_STS
MOD_IRQ
_STS
MS_IRQ
_STS
KBD_IRQ
_STS
P12_EVT
_STS
RTC_EVT
_STS
Reset
00000000
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com