Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 219 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 219 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 215Page - National Semiconductor (TI) PC87417 Datasheet HTML 216Page - National Semiconductor (TI) PC87417 Datasheet HTML 217Page - National Semiconductor (TI) PC87417 Datasheet HTML 218Page - National Semiconductor (TI) PC87417 Datasheet HTML 219Page - National Semiconductor (TI) PC87417 Datasheet HTML 220Page - National Semiconductor (TI) PC87417 Datasheet HTML 221Page - National Semiconductor (TI) PC87417 Datasheet HTML 222Page - National Semiconductor (TI) PC87417 Datasheet HTML 223Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
219
www.national.com
Table 57. ACPI Register Map with Base Address at Index 64h, 65h
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
PM1b_CNT
_LOW
Reserved
GBL_RLS
BM_RLD
SCI_EN
01h
PM1b_CNT
_HIGH
Reserved
SLP_EN
SLP_TYPx
Ignored
Reserved
Table 58. ACPI Register Map with Base Address at Index 66h, 67h
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
GPE1_STS
_0
GPIOE17
_STS
GPIOE16
_STS
GPIOE15
_STS
GPIOE14
_STS
GPIOE13
_STS
GPIOE12
_STS
GPIOE11
_STS
GPIOE10
_STS
01h
GPE1
_STS_1
GPIOE47
_STS
GPIOE46
_STS
GPIOE45
_STS
GPIOE44
_STS
GPIOE43
_STS
GPIOE42
_STS
GPIOE41
_STS
GPIOE40
_STS
02h
GPE1
_STS_2
PWBT_
EVT_STS
SLBT_
EVT_STS
KBD_
EVT3_STS
KBD_
EVT2_STS
KBD_
EVT1_STS
MS_EVT
_STS
RI2_EVT
_STS
RI1_EVT
_STS
03h
GPE1
_STS_3
SW_OFF
_STS
SW_ON
_STS
WDO_
EVT_STS
MOD_IRQ
_STS
MS_IRQ
_STS
KBD_IRQ
_STS
P12_EVT
_STS
RTC_EVT
_STS
04h
GPE1
_EN_0
GPIOE17
_EN
GPIOE16
_EN
GPIOE15
_EN
GPIOE14
_EN
GPIOE13
_EN
GPIOE12
_EN
GPIOE11
_EN
GPIOE10
_EN
05h
GPE1
_EN_1
GPIOE47
_EN
GPIOE46
_EN
GPIOE45
_EN
GPIOE44
_EN
GPIOE43
_EN
GPIOE42
_EN
GPIOE41
_EN
GPIOE40
_EN
06h
GPE1
_EN_2
PWBT_EV
T_EN
SLBT_
EVT_EN
KBD_EVT
3_EN
KBD_EVT
2_EN
KBD_EVT
1_EN
MS_EVT
_EN
RI2_EVT
_EN
RI1_EVT
_EN
07h
GPE1
_EN_3
SW_OFF
_EN
SW_ON
_EN
WDO_
EVT_EN
MOD_IRQ
_EN
MS_IRQ
_EN
KBD_IRQ
_EN
P12_EVT
_EN
RTC_EVT
_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com