Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 238 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 238 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 234Page - National Semiconductor (TI) PC87417 Datasheet HTML 235Page - National Semiconductor (TI) PC87417 Datasheet HTML 236Page - National Semiconductor (TI) PC87417 Datasheet HTML 237Page - National Semiconductor (TI) PC87417 Datasheet HTML 238Page - National Semiconductor (TI) PC87417 Datasheet HTML 239Page - National Semiconductor (TI) PC87417 Datasheet HTML 240Page - National Semiconductor (TI) PC87417 Datasheet HTML 241Page - National Semiconductor (TI) PC87417 Datasheet HTML 242Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 257 page
background image
11.0 Device Characteristics (Continued)
www.national.com
238
Revision1.2
11.5 AC ELECTRICAL CHARACTERISTICS
11.5.1
AC Test Conditions
Figure 56. AC Test Conditions, TA =0 °Cto70 °C, VSUP = 3.3V ±10%
Notes:
1. VSUP is VDD, VSB or VPP according to the pin power well.
2. CL = 50 pF for all output pins except the following pin groups:
CL = 100 pF for Serial Port 1 and 2 (see Section 1.4.4 on page 24), Parallel Port (see Section 1.4.5) and
Floppy Disk Controller (see Section 1.4.6) pins;
CL = 40 pF for HFCKOUT pin;
CL = 400 pF for ACCESS.bus pins (see Section 1.4.2 on page 23);
These values include both jig and oscilloscope capacitance.
3. S1 = Open for push-pull output pins.
S1 = VSUP for high impedance to active low and active low to high impedance transition measurements.
S1 = GND for high impedance to active high and active high to high impedance transition measurements.
RL = 1.0 KΩ for all the pins.
4. For the FDC open-drain interface pins, S1 = VDD and RL = 150 Ω.
Device
Under
Test
0.1
µf
Input
Output
RL
CL
S1
Load Circuit
AC Testing Input, Output Waveform
VSUP
2.4
0.4
2.0
0.8
Test Points
2.0
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com