Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 245 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 245 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 241Page - National Semiconductor (TI) PC87417 Datasheet HTML 242Page - National Semiconductor (TI) PC87417 Datasheet HTML 243Page - National Semiconductor (TI) PC87417 Datasheet HTML 244Page - National Semiconductor (TI) PC87417 Datasheet HTML 245Page - National Semiconductor (TI) PC87417 Datasheet HTML 246Page - National Semiconductor (TI) PC87417 Datasheet HTML 247Page - National Semiconductor (TI) PC87417 Datasheet HTML 248Page - National Semiconductor (TI) PC87417 Datasheet HTML 249Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 257 page
background image
11.0 Device Characteristics (Continued)
Revision 1.2
245
www.national.com
11.5.5
X-Bus Extension Timing (PC87416 and PC87417)
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
tVAL
Outputs
Output Valid Delay
After RE Internal Clock
201
1. Not tested. Guaranteed by characterization.
ns
tON
Outputs
Float to Active Delay
After RE Internal Clock
02
2. Not tested. Guaranteed by design.
ns
tOH
Outputs
Output Hold time
After RE Internal Clock
02
ns
tOFF
Outputs
Active to Float Delay
After RE Internal Clock
301
ns
tSU
Inputs
Input Setup Time
Before RE Internal Clock
151
ns
tHL
Inputs
Input Hold Time
After RE Internal Clock
01
ns
tCSDV
Mode 0 Turbo
Read Transaction
Chip Select active to Data Valid Read from External Device
75
ns
tON
Outputs
tVAL
tOFF
XRD_XEN, XWR_XRW,
(for reference only;
XA11-0, XD7-0,
Internal Clock
tOH
not available off chip)
XSTB2-0, XCS3-0
Internal Clock
XD7-0
tSU
tHL
Input
Valid
Inputs
(for reference only:
XRDY, XIRQ
not available off chip)
XD7-0
tCSDV
Data
Valid
Mode 0 Turbo Read Transaction
XCS3-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com