Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 144 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 144 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 140Page - National Semiconductor (TI) PC87417 Datasheet HTML 141Page - National Semiconductor (TI) PC87417 Datasheet HTML 142Page - National Semiconductor (TI) PC87417 Datasheet HTML 143Page - National Semiconductor (TI) PC87417 Datasheet HTML 144Page - National Semiconductor (TI) PC87417 Datasheet HTML 145Page - National Semiconductor (TI) PC87417 Datasheet HTML 146Page - National Semiconductor (TI) PC87417 Datasheet HTML 147Page - National Semiconductor (TI) PC87417 Datasheet HTML 148Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 257 page
background image
8.0 Real-Time Clock (RTC) (Continued)
www.national.com
144
Revision1.2
Signal Parameters
The signal levels must conform to the voltage level requirements for 32KCLKIN/32KX1 stated in Section 11.2 on page 233.
The signal must have a duty cycle of approximately 50%. To oscillate during power-down, the signal must be sourced from
a battery-backed source. This assures that the RTC delivers updated time/calendar information.
8.2.5
Timing Generation
The timing generation function divides the 32.768 KHz clock by 215 to derive a 1 Hz signal, which serves as the input for the
seconds counter. This is performed by a divider chain composed of 15 divide-by-two latches, as shown in Figure 41.
Figure 41. Divider Chain Control
Bits 6-4 (DV2-0) of the CRA register control the following functions:
q
Normal operation of the divider chain (counting).
q
Divider chain reset to 0.
q
Oscillator activity when only VBAT power is present (backup state).
The divider chain can be activated by setting Normal Operation mode (bits 6-4 of CRA = 010b). The first update occurs
500 ms after divider chain activation.
Bits 3-0 of the CRA register select one the of 15 taps from the divider chain to be used as a periodic interrupt. The periodic
flag becomes active after half of the programmed period has elapsed, following divider chain activation.
See Section 8.3.13 on page 154 for more details.
8.2.6
Timekeeping
Data Format
Time is kept in BCD or binary format, as determined by bit 2 (DM) of Control Register B (CRB), and in either 12 or 24-hour
format, as determined by bit 1 of this register.
Note: When changing the above formats, re-initialize all the time registers.
Daylight Saving
Daylight saving time exceptions are handled automatically, as described in the RTC Control Register B (CRB) in Section
8.3.2 on page 150.
Leap Years
Leap year exceptions are handled automatically by the internal calendar function (every four years, February is extended to
29 days).
32.768 KHz
2
1
2
2
2
3
2
13
2
14
2
15
1Hz
Divider Chain
DV2 DV1 DV0
CRA Register
Oscillator
Enable
32KX1 /
32KX2
To other
Reset
6
5
4
modules
32KCLKIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com