Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 152 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 152 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 148Page - National Semiconductor (TI) PC87417 Datasheet HTML 149Page - National Semiconductor (TI) PC87417 Datasheet HTML 150Page - National Semiconductor (TI) PC87417 Datasheet HTML 151Page - National Semiconductor (TI) PC87417 Datasheet HTML 152Page - National Semiconductor (TI) PC87417 Datasheet HTML 153Page - National Semiconductor (TI) PC87417 Datasheet HTML 154Page - National Semiconductor (TI) PC87417 Datasheet HTML 155Page - National Semiconductor (TI) PC87417 Datasheet HTML 156Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 257 page
background image
8.0 Real-Time Clock (RTC) (Continued)
www.national.com
152
Revision1.2
8.3.7
Hours Register (HOR)
Power Well:VPP
Location: Index 04h
Type:
R/W
8.3.8
Hours Alarm Register (HORA)
Power Well:VPP
Location: 05h
Type:
R/W
8.3.9
Day-of-Week Register (DOW)
Power Well:VPP
Location: Index 06h
Type:
R/W
Bit
76543210
Name
Hours Data
Reset
00000000
Bit
Description
7-0
Hours Data. For 12-Hour mode, values may be 01 to 12 (AM) and 81 to 92 (PM) in BCD format or 01 to 0C
(AM) and 81 to 8C (PM) in Binary format. For 24-Hour mode, values may be 0 to 23 in BCD format or 00 to 17
in Binary format.
Bit
76543210
Name
Hours Alarm Data
Reset
00000000
Bit
Description
7-0
Hours Alarm Data. For 12-Hour mode, values may be 01 to 12 (AM) and 81 to 92 (PM) in BCD format or 01
to 0C (AM) and 81 to 8C (PM) in Binary format. For 24-Hour mode, values may be 0 to 23 in BCD format or 00
to 17 in Binary format.
When bits 7 and 6 are both set to one (‘11’), unconditional match is selected.
Bit
76543210
Name
Day-of-Week Data
Reset
00000000
Bit
Description
7-0
Day-of-Week Data. Values may be 01 to 07 in BCD format or 01 to 07 in Binary format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com