Electronic Components Datasheet Search
  English  ▼

X  

PC87417 Datasheet(PDF) 180 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87417
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87417 Datasheet(HTML) 180 Page - National Semiconductor (TI)

Back Button PC87417 Datasheet HTML 176Page - National Semiconductor (TI) PC87417 Datasheet HTML 177Page - National Semiconductor (TI) PC87417 Datasheet HTML 178Page - National Semiconductor (TI) PC87417 Datasheet HTML 179Page - National Semiconductor (TI) PC87417 Datasheet HTML 180Page - National Semiconductor (TI) PC87417 Datasheet HTML 181Page - National Semiconductor (TI) PC87417 Datasheet HTML 182Page - National Semiconductor (TI) PC87417 Datasheet HTML 183Page - National Semiconductor (TI) PC87417 Datasheet HTML 184Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
180
Revision1.2
9.3.3
Wake-Up State Enable Register (WK_ST_EN)
This register configures the wake-up event selected by the Wake-Up Event Select register. Two different classes (A and B)
are defined for this register (see Table 48 on page 179). Both classes are reset by hardware to 00h.
The sleep states for which the outputs are enabled when the event is active are PC8741x device current states (see Section
9.2.3 on page 167).
Power Well:VPP
Location: All Banks, Offset 01h
Type:
R/W
Class:
A
Class:
B
Bit
76543210
Name
Reserved
PWBT_EN
_S3I
PWBT_EN
_S45
ONCTL_EN
_S3I
ONCTL_EN
_S45
Reset
00000000
Bit
76543210
Name
Reserved
ONCTL_EN
_S3I
ONCTL_EN
_S45
Reset
00000000
Bit
Description
7-4
Reserved.
3
Class A
PWBT_EN_S3I (PWBTOUT Pulse Enable in S3I). Enables generating a PWBTOUT pulse when the selected
event becomes active and the device is in S3I sleep state. The selected event affects the output regardless of
the setting of the related enable bit in the GPE1_EN_n register. However, for a PWBTOUT pulse to be
generated, the PWBTOUT_MODE bit in the ACPI_CFG register (see Section 9.3.32 on page 201) must be ‘0’.
0: Disable pulse (default)
1: Enable pulse in S3I state
2
Class A
PWBT_EN_S45 (PWBTOUT Pulse Enable in S45). Enables generating a PWBTOUT pulse when the selected
event becomes active and the device is in S45 sleep state. The selected event affects the output regardless of
the setting of the related enable bit in the GPE1_EN_n register. However, for a PWBTOUT pulse to be
generated, the PWBTOUT_MODE bit in the ACPI_CFG register (see Section 9.3.32 on page 201) must be ‘0’.
0: Disable pulse (default)
1: Enable pulse in S45 state
3-2
Class B
Reserved.
1
ONCTL_EN_S3I (ONCTL Active Enable in S3I). Enables activation (turning the VDD power On) Of the ONCTL
output when the selected event becomes active and the device is in the S3I sleep state. The selected event
affects the output regardless of the setting of the related enable bit in the GPE1_EN_n register. This bit is
relevant only if the PC8741x device is the ACPI controller of the system (EXT_ST_SELECT = 0 in the
SLP_ST_CFG register).
0: Disable activation (default)
1: Enable activation in S3I state
0
ONCTL_EN_S45 (ONCTL Active Enable in S45). Enables activation (turning the VDD power On) of the ONCTL
output when the selected event becomes active and the device is in the S45 sleep state. The selected event
affects the output regardless of the setting of the related enable bit in the GPE1_EN_n register. This bit is
relevant only if the PC8741x device is the ACPI controller of the system (EXT_ST_SELECT = 0 in the
SLP_ST_CFG register).
0: Disable activation (default)
1: Enable activation in S45 state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com