Electronic Components Datasheet Search
  English  ▼

X  

FT260 Datasheet(PDF) 36 Page - Future Technology Devices International Ltd.

Part # FT260
Description  Future Technology Devices International Ltd.
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260 Datasheet(HTML) 36 Page - Future Technology Devices International Ltd.

Back Button FT260 Datasheet HTML 32Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 33Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 34Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 40Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
Copyright © 2016 Future Technology Devices International Limited
36
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.0
Doc ument N o.: FT _001272 C learance N o.: FT DI#484
7.4
Bus Powered Configuration with +1.8V/+2.5V I/O Voltage
Figure 7.4 Bus Powered Configuration with +1.8V/+2.5V I/O voltage Level
Figure 7.4 illustrates the FT260 in a typical USB bus-powered configuration similar to Figure 7.1. The
difference here is that the I/O pin voltage source is 2.5V or 1.8V, not 3.3V. An external regulator can
source the power from VBUS and regulate out the required I/O voltage level. Then, VCCIO can connect to
the output of the regulator to achieve I/O voltage level operating at +1.8V or +2.5V. VCCIN should be
connected to VBUS to supply the power source for FT260 operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com