Electronic Components Datasheet Search
  English  ▼

X  

FT260 Datasheet(PDF) 44 Page - Future Technology Devices International Ltd.

Part # FT260
Description  Future Technology Devices International Ltd.
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260 Datasheet(HTML) 44 Page - Future Technology Devices International Ltd.

Back Button FT260 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 45Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 46Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 47Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 48Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
Copyright © 2016 Future Technology Devices International Limited
44
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.0
Doc ument N o.: FT _001272 C learance N o.: FT DI#484
Parameter
Default Value
Notes
Power Source
Bus Powered
Define whether the power source is from the USB bus or a local
source.
Max Bus Power Current
100mA
The max power that will be drawn from VBUS when using bus
power. Range from 0~500mA. If the power source is defined as
self-powered, it must be set as 0mA.
Remote Wake Up
Enable
Define if the FT260 supports remote wake up or not.
GPIO2 Function
SUSPOUT_N
The GPIO2 pin can be set as one of the alternative functions:
- GPIO2
- PWREN# (low active), device ready indicator
- TX_LED, UART TX transferring indicator
- SUSPOUT_N, USB suspend low-active indicator.
GPIOA Function
TX_ACTIVE
The GPIOA pin can be set as one of the alternative functions:
- GPIOA
- TX_LED, UART TX transferring indicator
- TX_ACTIVE
GPIOG Function
BCD_DET
The GPIOG pin can be set as one of the alternative functions:
- GPIOG
- PWREN# (low active), device ready indicator
- RX_LED, UART RX receiving indicator
- BCD_DET, Battery Charger Detection indicator
UART Drive Strength
4mA
Adjustable drive strength for UART related pins TXD/RXD,
CTS/RTS, DTR/DSR, TX_ACTIVE. Drive strength can be set as
4mA, 8mA, 12mA and 16mA
GPIO Drive Strength
4mA
Adjustable drive strength for GPIO related pins GPIO0, GPIO1,
GPIO2, GPIO3, GPIO4, and GPIO5. Drive strength can be set as
4mA, 8mA, 12mA and 16mA
BCD_DET Function Disable?
No
Battery Charger Detection function can be disabled on
BCD_DET pin.
BCD_DET Drive Strength
4mA
Adjustable drive strength for BCD_DET pin. Drive strength can
be set as 4mA, 8mA, 12mA and 16mA
BCD_DET Polarity
Active-high
Set the polarity on BCD_DET pin for indicating battery charge
detected. Default is set as active-high.
Power Saving Mode
Enable
If power saving mode is enable and the FT260 is idle for 5
seconds, it will switch the system clock to 30KHz for saving
power.
HID over I²C address
0h
The I²C slave address of the target HID-over-I²C device. The
address 0h means no HID-over-I²C device connected.
HID over I²C Descriptor
Address
0h
The start address of the descriptor of the target HID-over-I²C
device.
HID over I²C Interrupt
Rising Edge
Define the interrupt trigger type of the target HID-over-I²C
device. It can be: rising edge, falling edge, level-high, level-
low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com