Electronic Components Datasheet Search
  English  ▼

X  

FT260 Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # FT260
Description  Future Technology Devices International Ltd.
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260 Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button FT260 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Copyright © 2016 Future Technology Devices International Limited
8
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.0
Doc ument N o.: FT _001272 C learance N o.: FT DI#484
3.2
Pin Description
FT260
Pin No.
Pin Name
(Function)
Type
Description
1
DEBUGGER
I/O
Debugging pin.
Should be reserved and tied to high
2
STEST_RSTN
I
Chip reset input for test mode. Active low.
Should be reserved and tied to high.
3
RESETN
I
Chip reset input. Active low.
Can be tied to high if external reset function is not
required.
4
DCNF0
I
Device Interface Configuration Selection bit-0 for the HID
interface selection. Refer to Section 5.1
5
DCNF1
I
Device Interface Configuration Selection bit-1 for the HID
interface selection. Refer to Section 5.1
6
VCCIO
P **
+3.3V/2.5V/1.8V supply voltage.
This is the supply voltage for all the I/O ports. This pin
shall be connected to VOUT3V3(pin 22) when I/O ports
are working at 3.3V
7
DIO0
( TX_ACTIVE /
TX_LED /
GPIOA
)
I/O
O
O
I/O
DIO0, Digital Input/Output Pin 0.
This pin can be configured as one of the following three
functions via embedded eFUSE or external EEPROM.
TX_ACTIVE is set as the default function to indicate the
UART transmitting is active.
TX_LED is set as the LED driving source when data is
transmitted on UART TX port.
GPIOA, General Purpose I/O. GPIOA is another optional
function.
8
DIO1
( GPIOB /
RTSN )
I/O
I/O
O
DIO1, Digital Input/Output Pin 1.
GPIOB, General Purpose I/O. is set as the default
function.
RTSN, Request To Send Handshake, can be enabled via a
USB command for the UART interface.
9
DIO2
( GPIOE /
CTSN )
I/O
I/O
I
DIO2, Digital Input/Output Pin 2.
GPIOE, General Purpose I/O. is set as the default function.
CTSN, Clear To Send Handshake, can be enabled via a
USB command for the UART interface.
10
DIO3
( RXD /
GPIOC )
I/O
I
I/O
DIO3, Digital Input/Output Pin 3.
RXD, Receive Asynchronous Data Input, is set as default
function when the UART interface is selected via {DCNF1,
DCNF0}.
GPIOC, General Purpose I/O, is set as the default function
when UART interface is not configured.
11
DIO4
( TXD /
I/O
O
DIO4, Digital Input/Output Pin 4.
TXD, Transmit Asynchronous Data Output, is set as
default when the UART interface is selected via {DCNF1,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com