Electronic Components Datasheet Search
  English  ▼

X  

FT260 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT260
Description  Future Technology Devices International Ltd.
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT260 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
Copyright © 2016 Future Technology Devices International Limited
9
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.0
Doc ument N o.: FT _001272 C learance N o.: FT DI#484
FT260
Pin No.
Pin Name
(Function)
Type
Description
GPIOD )
I/O
DCNF0}.
GPIOD, General Purpose I/O, is set as default when the
UART interface is not configured.
12
DIO5
( SCL /
GPIO0 )
I/O
I/O
I/O
DIO5, Digital Input/Output Pin 5.
SCL, Serial clock for
I2C bus with open drain output, is set
as the default function
GPIO0, General Purpose I/O. GPIO0 is another optional
function and can be enabled via a USB command.
13
DIO6
( SDA /
GPIO1 )
I/O
I/O
I/O
DIO6, Digital Input/Output Pin 6.
SDA, Serial data for
I2C mode with open drain output, is
set as the default function.
GPIO1, General Purpose I/O. GPIO1 is another optional
function and can be enabled via a USB command.
14
DIO7
( SUSPOUT_N /
PWREN_N /
GPIO2
)
I/O
O
O
I/O
DIO7, Digital Input/Output Pin 7.
This pin can be configured as one of the following three
functions via embedded eFUSE or external EEPROM.
SUSPOUT_N is set as the default function as the indicator
when entering the USB suspending state.
_N means
active low. This indicator can also be configured as active
high via EEPROM and symbolled as SUSPOUT.
PWREN_N is as the power enable indicator when the
FT260 is USB enumerated. Active low.
GPIO2, General Purpose I/O. GPIO2 is another optional
function and can be enabled.
15
DIO8
( INTRIN /
WAKEUP /
GPIO3 )
I/O
I
I
I/O
DIO8, Digital Input/Output Pin 8.
INTRIN is the default function as the external interrupt
input source
WAKEUP functions as the USB remote wakeup input
source.
GPIO1, General Purpose I/O. GPIO1 is another optional
function and can be enabled via a USB command.
16
DIO9
( GPIOF /
DTRN )
I/O
I/O
O
DIO9, Digital Input/Output Pin 9.
GPIOF, General Purpose I/O. is set as the default function.
DTRN, Data Terminal Ready, can be enabled via a USB
command for the UART interface.
17
DIO10
( GPIO4 /
DCD )
I/O
I/O
I
DIO10, Digital Input/Output Pin 10.
GPIO4, General Purpose I/O, is set as the default function.
DCD, Data Carrier Detection, can be enabled via a USB
command for the UART interface.
18
DIO11
( GPIO5/
RI
)
I/O
I/O
I
DIO11, Digital Input/Output Pin 11.
GPIO5, General Purpose I/O, is set as the default function.
RI, Ring Indicator, can be enabled via a USB command for
the UART interface. RI may be used as an alternative to
WAKEUP for waking up the USB host. WAKEUP feature
accompanied with RI can be enabled via the parameter
defined in an external EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com