Electronic Components Datasheet Search
  English  ▼

X  

FT260 Datasheet(PDF) 41 Page - Future Technology Devices International Ltd.

Part # FT260
Description  Future Technology Devices International Ltd.
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260 Datasheet(HTML) 41 Page - Future Technology Devices International Ltd.

Back Button FT260 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 44Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 45Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
Copyright © 2016 Future Technology Devices International Limited
41
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.0
Doc ument N o.: FT _001272 C learance N o.: FT DI#484
8.3 USB to RS485 Converter
Figure 8.3 Application Example 3: USB to RS485 Converter
An example of using the FT260 as a USB to RS485 converter is shown in Figure 8.3. In this application, a
TTL to RS485 level converter IC is used on the serial UART interface of the FT260 to convert the TTL
levels of the FT260 to RS485 levels.
The converter device requires separate enable signals on both the transmitter and receiver. With RS485,
the transmitter is only enabled when a character is being transmitted from the UART. Setting DIO0 as
TX_ACTIVE is provided for exactly the same purpose and wired to the transmitter enable (DE) of
converter device. The pin DIO12 of FT260 can be configured as PWREN_N and wired to the receiver
enable (RE) of the converter device. With these configurations of the pins, the FT260 can be used as the
USB to RS485 converter.
RS485 is a multi-drop network; so many devices can communicate with each other over a two wire cable
interface. The RS485 cable requires to be terminated at each end of the cable. A link (which provides the
120Ω termination) allows the cable to be terminated if the converter device is physically positioned at
either end of the cable.
In this example, the data transmitted by the FT260 is also present on the receive path of the converter
device. This is a common feature of RS485 and requires the application software to remove the
transmitted data from the received data stream. With the FT260, it is possible to do this entirely in
hardware by modifying the example shown in Figure 8.3 by logically OR-ing the FT260 TX_ACTIVE and
the receiver output (RO) of converter device then connecting the output of the OR gate to the RXD of
FT260.
Note that the TX_ACTIVE is activated 1 bit ahead the start bit. TX_ACTIVE is de -activated at the same
time as the stop bit. This is not configurable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com