Electronic Components Datasheet Search
  English  ▼

X  

FT260 Datasheet(PDF) 40 Page - Future Technology Devices International Ltd.

Part # FT260
Description  Future Technology Devices International Ltd.
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260 Datasheet(HTML) 40 Page - Future Technology Devices International Ltd.

Back Button FT260 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 43Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 44Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
Copyright © 2016 Future Technology Devices International Limited
40
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.0
Doc ument N o.: FT _001272 C learance N o.: FT DI#484
8.2
USB to RS232 Converter
Figure 8.2 Application Example 2: USB to RS232 Converter
An example of using the FT260 as a USB to RS232 converter is illustrated in Figure 8.2. In this
application, a TTL to RS232 Level Converter IC is used on the serial UART interface of the FT260 to
convert the TTL levels of the FT260 to RS232 levels. This level shift can be done using the popular “213”
series of TTL to RS232 level converters. These “213” devices typically have 4 transmitters and 5 receivers
in a 28-LD SSOP package and feature an in-built voltage level converter to convert the +5V (nominal)
VCC to the +/- 9 volts required by RS232.
The Shut Down control (SHDN) signal of the converter device is the suspend control. The pin DIO7 of the
FT260 can be set to function as SUSPOUT_N with active-low output and can be the control source to the
converter IC. Note that the power source for the converter IC in Figure 8.2 is not supplied from the
VOUT3V3 of the FT260 since the current consumption of this kind of converter is high. The supply current
of VOUT3V3 is limited. Details can be referred to Table 6.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com