Electronic Components Datasheet Search
  English  ▼

X  

FT260 Datasheet(PDF) 49 Page - Future Technology Devices International Ltd.

Part # FT260
Description  Future Technology Devices International Ltd.
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260 Datasheet(HTML) 49 Page - Future Technology Devices International Ltd.

Back Button FT260 Datasheet HTML 45Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 46Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 47Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 48Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 49Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 50Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 51Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 52Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 53Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
Copyright © 2016 Future Technology Devices International Limited
49
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.0
Doc ument N o.: FT _001272 C learance N o.: FT DI#484
Parameter
Default Value
Notes
GPIO Weak Pullup/Pulldown
Disable
Enable the weak pullup / pulldown resistor on the pins GPIO0,
GPIO1, GPIO2, GPIO3, GPIO4, and GPIO5. Default is disabled
(without any pull).
GPIO Slew Rate Enable?
Disable
Set the slew rate control for GPIO related pins GPIO0, GPIO1,
GPIO2, GPIO3, GPIO4, and GPIO5. Default is disabled
BCD_DET Function Disable?
No
Battery Charger Detection function can be disabled on
BCD_DET pin.
BCD_DET Drive Strength
4mA
Adjustable drive strength for BCD_DET pin. Drive strength can
be set as 4mA, 8mA, 12mA and 16mA
BCD_DET Polarity
Active-high
Set the polarity on BCD_DET pin for indicating battery charge
detected. Default is set as active-high.
Interrupt Trigger
Level-high
Define the interrupt trigger type when GPIO3 is set as
INTR/WAKEUP function. The possible settings are: rising edge,
falling edge, level-high, level-low.
Trigger Level Setting
30ms
Interrupt level width select. When the interrupt is set to level
trigger and it exceeds the specified level width, the interrupt
signal will be generated. The level width can be set as 1ms,
5ms and 30ms.
Power Saving Mode
Enable
If power saving mode is enable and the FT260 is idle for 5
seconds, it will switch the system clock to 30KHz for saving
power.
Pin Status During Suspend
No change
During suspend , each digital I/O pin of the FT260 can be set
as
- No change, keep the original pin function
- tristate
- push low when suspend
- push high when suspend
HID over I²C address
0h
The I²C slave address of the target HID-over-I²C device. The
address 0h means no HID-over-I²C device connected.
HID over I²C Descriptor
Address
0h
The start address of the descriptor of the target HID-over-I²C
device.
HID over I²C Interrupt
Rising Edge
Define the interrupt trigger type of the target HID-over-I²C
device. It can be: rising edge, falling edge, level-high, level-
low.
HID over I²C Option
Not supported
According to Microsoft HID over I²C Protocol Specification, the
following requests are optional:
-
GET_IDLE/ SET_IDLE supported or not
-
GET_PROTOCOL/ SET_PROTOCOL supported or not
-
SET_POWER supported or not
HID over I²C Subclass
No Subclass
The HID subclass description. It can be:
-
No Subclass
-
Boot Interface Subclass
HID over I²C Protocol
None
The HID protocol code description. It can be:
-
None
-
Keyboard
-
Mouse
Table 9.3 Parameters defined in external EEPROM for FT260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com