Electronic Components Datasheet Search
  English  ▼

X  

FT260 Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT260
Description  Future Technology Devices International Ltd.
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260 Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT260 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 13Page - Future Technology Devices International Ltd. FT260 Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Copyright © 2016 Future Technology Devices International Limited
10
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.0
Doc ument N o.: FT _001272 C learance N o.: FT DI#484
FT260
Pin No.
Pin Name
(Function)
Type
Description
19
GND
P
Ground
20
DM
AI/O
USB peripheral bidirectional DM line.
21
DP
AI/O
USB peripheral bidirectional DP line.
22
VOUT3V3
P **
+3.3V voltage Out
May be used to power VCCIO. When VCCIN is supplied
with 3.3V, this pin is a power input pin and should be
connected to pin 23.
23
VCCIN
P **
+5.0V(or 3.3V) supply voltage In
Power source-in to embedded regulator.
24
AGND
P
Analog Ground
25
FSOURCE
AP
+3.8V supply voltage In
Power source for programming embedded eFUSE. It
should be kept floating or 0V when not in programming
mode
26
VBUS_DET
I
VBUS detection input. It is a +5.0V tolerant pin
27
DIO12
( BCD_DET/
RX_LED/
PWREN_N/
GPIOG )
I/O
O
O
O
I/O
DIO12, Digital Input/Output Pin 12.
This pin can be configured as one of the following three
functions via embedded eFUSE or external EEPROM.
BCD_DET is the default function as the battery charger
detection indicator output when the device is connected to
a dedicated battery charger port. Polarity can be defined.
RX_LED is as the LED driving source when data is
received on UART RX port.
PWREN_N is as the power enable indicator when FT260 is
USB enumerated. Low active.
GPIOG, General Purpose I/O, is another optional function.
28
DIO13
GPIOH/
DSRN
I/O
I/O
I
DIO13, Digital Input/Output Pin 13.
GPIOH, General Purpose I/O, is set as the default function
DSRN, Data Set Ready, can be enabled via USB command
for UART interface.
Table 3.1 FT260 Pin Description
**If VCCIN is supplied with 3.3V power input, then VOUT3V3 and VCCIO must also be driven with this
3.3V power source. For details refer to Section 7.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com