Electronic Components Datasheet Search
  English  ▼

X  

LT3430 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3430
Description  High Voltage, 3A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3430 Datasheet HTML 5Page - Linear Technology LT3430 Datasheet HTML 6Page - Linear Technology LT3430 Datasheet HTML 7Page - Linear Technology LT3430 Datasheet HTML 8Page - Linear Technology LT3430 Datasheet HTML 9Page - Linear Technology LT3430 Datasheet HTML 10Page - Linear Technology LT3430 Datasheet HTML 11Page - Linear Technology LT3430 Datasheet HTML 12Page - Linear Technology LT3430 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LT3430
sn3430 3430is
with high input voltage. High frequency pickup will in-
crease and the protection accorded by frequency and
current foldback will decrease.
CHOOSING THE INDUCTOR
For most applications, the output inductor will fall into the
range of 5
µH to 47µH. Lower values are chosen to reduce
physical size of the inductor. Higher values allow more
output current because they reduce peak current seen by
the LT3430 switch, which has a 3A limit. Higher values
also reduce output ripple voltage.
When choosing an inductor you will need to consider
output ripple voltage, maximum load current, peak induc-
tor current and fault current in the inductor. In addition,
other factors such as core and copper losses, allowable
component height, EMI, saturation and cost should also
be considered. The following procedure is suggested as a
way of handling these somewhat complicated and con-
flicting requirements.
Output Ripple Voltage
Figure 3 shows a comparison of output ripple voltage for
the LT3430 using either a tantalum or ceramic output
capacitor. It can be seen from Figure 3 that output ripple
voltage can be significantly reduced by using the ceramic
output capacitor; the significant decrease in output ripple
voltage is due to the very low ESR of ceramic capacitors.
–
+
1.2V
BUFFER
VSW
L1
VC
GND
TO SYNC CIRCUIT
3430 F02
TO FREQUENCY
SHIFTING
R3
1k
R4
2k
R1
C1
R2
OUTPUT
5V
ERROR
AMPLIFIER
FB
1.4V
Q1
LT3430
Q2
+
Figure 2. Frequency and Current Limit Foldback
APPLICATIO S I FOR ATIO
Output ripple voltage is determined by ripple current
(ILP-P) through the inductor and the high frequency
impedance of the output capacitor. At high frequencies,
the impedance of the tantalum capacitor is dominated by
its effective series resistance (ESR).
Tantalum Output Capacitor
The typical method for reducing output ripple voltage
when using a tantalum output capacitor is to increase the
inductor value (to reduce the ripple current in the induc-
tor). The following equations will help in choosing the
required inductor value to achieve a desirable output
ripple voltage level. If output ripple voltage is of less
Figure 3. LT3430 Output Ripple Voltage Waveforms.
Ceramic vs Tantalum Output Capacitors
20mV/DIV
20mV/DIV
VOUT USING
100
µF CERAMIC
OUTPUT
CAPACITOR
VOUT USING
100
µF, 0.08Ω
TANTALUM
OUTPUT
CAPACITOR
VIN = 40V
2
µs/DIV
3430 F03
VOUT = 5V
L = 22
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com