Electronic Components Datasheet Search
  English  ▼

X  

LT3430 Datasheet(PDF) 25 Page - Linear Technology

Part # LT3430
Description  High Voltage, 3A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430 Datasheet(HTML) 25 Page - Linear Technology

Back Button LT3430 Datasheet HTML 20Page - Linear Technology LT3430 Datasheet HTML 21Page - Linear Technology LT3430 Datasheet HTML 22Page - Linear Technology LT3430 Datasheet HTML 23Page - Linear Technology LT3430 Datasheet HTML 24Page - Linear Technology LT3430 Datasheet HTML 25Page - Linear Technology LT3430 Datasheet HTML 26Page - Linear Technology LT3430 Datasheet HTML 27Page - Linear Technology LT3430 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LT3430
sn3430 3430is
APPLICATIO S I FOR ATIO
INDUCTOR VALUE
The criteria for choosing the inductor is typically based on
ensuring that peak switch current rating is not exceeded.
This gives the lowest value of inductance that can be used,
but in some cases (lower output load currents) it may give
a value that creates unnecessarily high output ripple
voltage.
The difficulty in calculating the minimum inductor size
needed is that you must first decide whether the switcher
will be in continuous or discontinuous mode at the critical
point where switch current reaches 3A. The first step is to
use the following formula to calculate the load current
above which the switcher must use continuous mode. If
your load current is less than this, use the discontinuous
mode formula to calculate minimum inductor needed. If
load current is higher, use the continuous mode formula.
Output current where continuous mode is needed:
I
VI
VV
VV
V
CONT
IN
P
IN
OUT
IN
OUT
F
>
++
+
() ( )
()(
)
22
4
Minimum inductor discontinuous mode:
L
VI
fI
MIN
OUT
OUT
P
=
2
2
()(
)
()( )
Minimum inductor continuous mode:
L
VV
fV
V
I
I
VV
V
MIN
IN
OUT
IN
OUT
P
OUT
OUT
F
IN
=
++
+


()(
)
()(
)
–
()
21
For a 40V to –12V converter using the LT3430 with peak
switch current of 3A and a catch diode of 0.52V:
IA
CONT =
++
+
=
() ( )
()(
.
)
.
40
3
4 4012 4012 0 52
1 148
22
For a load current of 0.5A, this says that discontinuous
mode can be used and the minimum inductor needed is
found from:
LH
MIN ==
µ
212 0 5
200 10
3
67
32
()( . )
(•)( )
.
In practice, the inductor should be increased by about
30% over the calculated minimum to handle losses and
variations in value. This suggests a minimum inductor of
10
µH for this application.
Ripple Current in the Input and Output Capacitors
Positive-to-negative converters have high ripple current in
the input capacitor. For long capacitor lifetime, the RMS
value of this current must be less than the high frequency
ripple current rating of the capacitor. The following for-
mula will give an
approximate value for RMS ripple cur-
rent.
This formula assumes continuous mode and large
inductor value. Small inductors will give somewhat higher
ripple current, especially in discontinuous mode. The
exact formulas are very complex and appear in Application
Note 44, pages 29 and 30. For our purposes here I have
simply added a fudge factor (ff). The value for ff is about
1.2 for higher load currents and L
≥15µH. It increases to
about 2.0 for smaller inductors at lower load currents.
Capacitor I
ff I
V
V
RMS
OUT
OUT
IN
= ()(
)
ff = 1.2 to 2.0
The output capacitor ripple current for the positive-to-
negative converter is similar to that for a typical buck
regulator—it is a triangular waveform with peak-to-peak
OUTPUT**
–12V, 0.5A
INPUT†
5.5V TO
48V
3430 F15
C2
0.68
µF
CC
RC
D1
30BQ060
R1
36.5k
C1
100
µF
16V TANT
C3
4.7
µF
100V
CER
D2†
MMSD914TI
L1*
10
µH
CF
BOOST
LT3430
VIN
VSW
FB
GND
VC
R2
4.12k
* INCREASE L1 FOR HIGHER CURRENT APPLICATIONS.
SEE APPLICATIONS INFORMATION
** MAXIMUM LOAD CURRENT DEPENDS ON MINIMUM INPUT VOLTAGE
AND INDUCTOR SIZE. SEE APPLICATIONS INFORMATION
† FOR V
IN > 44V AND VOUT = –12V, ADDITIONAL VOLTAGE DROP IN THE
PATH OF D2 IS REQUIRED TO ENSURE BOOST PIN MAXIMUM RATING IS
NOT EXCEEDED. SEE APPLICATIONS INFORMATION (BOOST PIN VOLTAGE)
+
Figure 15. Positive-to-Negative Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com