Electronic Components Datasheet Search
  English  ▼

X  

LT3430 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3430
Description  High Voltage, 3A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3430 Datasheet HTML 18Page - Linear Technology LT3430 Datasheet HTML 19Page - Linear Technology LT3430 Datasheet HTML 20Page - Linear Technology LT3430 Datasheet HTML 21Page - Linear Technology LT3430 Datasheet HTML 22Page - Linear Technology LT3430 Datasheet HTML 23Page - Linear Technology LT3430 Datasheet HTML 24Page - Linear Technology LT3430 Datasheet HTML 25Page - Linear Technology LT3430 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LT3430
sn3430 3430is
where, even with the tantalum output capacitor, an addi-
tional zero is required in the loop to increase phase margin
for improved transient response.
A zero can be added into the loop by placing a resistor (RC)
at the VC pin in series with the compensation capacitor, CC,
or by placing a capacitor (CFB) between the output and the
FB pin.
When using RC, the maximum value has two limitations.
First, the combination of output capacitor ESR and RC may
stop the loop rolling off altogether. Second, if the loop gain
is not rolled off sufficiently at the switching frequency,
output ripple will perturb the VC pin enough to cause
unstable duty cycle switching similar to subharmonic
oscillations. If needed, an additional capacitor (CF) can be
added across the RC/CC network from the VC pin to ground
to further suppress VC ripple voltage.
With a tantalum output capacitor, the LT3430 already
includes a resistor (RC) and filter capacitor (CF) at the VC
pin (see Figures 10 and 11) to compensate the loop over
the entire VIN range (to allow for stable pulse skipping for
high VIN-to-VOUT ratios ≥ 10). A ceramic output capacitor
can still be used with a simple adjustment to the resistor RC
for stable operation (see Ceramic Capacitors section for
stabilizing LT3430). If additional phase margin is required,
a capacitor (CFB) can be inserted between the output and
FB pin but care must be taken for high output voltage
applications. Sudden shorts to the output can create
unacceptably large negative transients on the FB pin.
APPLICATIO S I FOR ATIO
For VIN-to-VOUT ratios < 10, higher loop bandwidths are
possible by readjusting the frequency compensation com-
ponents at the VC pin.
When checking loop stability, the circuit should be oper-
ated over the application’s full voltage, current and tem-
perature range. Proper loop compensation may be obtained
by empirical methods as described in Application Notes 19
and 76.
CONVERTER WITH BACKUP OUTPUT REGULATOR
In systems with a primary and backup supply, for ex-
ample, a battery powered device with a wall adapter input,
the output of the LT3430 can be held up by the backup
supply with the LT3430 input disconnected. In this condi-
tion, the SW pin will source current into the VIN pin. If the
SHDN pin is held at ground, only the shut down current of
25
µA will be pulled via the SW pin from the second supply.
With the SHDN pin floating, the LT3430 will consume its
quiescent operating current of 1.5mA. The VIN pin will also
source current to any other components connected to the
input line. If this load is greater than 10mA or the input
could be shorted to ground, a series Schottky diode must
be added, as shown in Figure 12. With these safeguards,
the output can be held at voltages up to the VIN absolute
maximum rating.
1.22V
VSW
VC
LT3430
GND
3430 F10
R1
OUTPUT
ESR
CF
CC
RC
RO
200k
ERROR
AMPLIFIER
FB
R2
C1
RLOAD
CURRENT MODE
POWER STAGE
gm = 2mho
gm =
2000
µmho
+
TANTALUM
ESL
C1
CERAMIC
CFB
Figure 10. Model for Loop Response
FREQUENCY (Hz)
80
60
40
20
0
–20
–40
180
150
120
90
60
30
0
3430 F11
GAIN
PHASE
10
VIN = 42V
VOUT = 5V
ILOAD = 1A
COUT = 100µF, 10V, 0.1Ω
1k
10k
1M
100
100k
RC = 3.3k
CC = 22nF
CF = 220pF
Figure 11. Overall Loop Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com