Electronic Components Datasheet Search
  English  ▼

X  

LT3430 Datasheet(PDF) 28 Page - Linear Technology

Part # LT3430
Description  High Voltage, 3A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3430 Datasheet HTML 20Page - Linear Technology LT3430 Datasheet HTML 21Page - Linear Technology LT3430 Datasheet HTML 22Page - Linear Technology LT3430 Datasheet HTML 23Page - Linear Technology LT3430 Datasheet HTML 24Page - Linear Technology LT3430 Datasheet HTML 25Page - Linear Technology LT3430 Datasheet HTML 26Page - Linear Technology LT3430 Datasheet HTML 27Page - Linear Technology LT3430 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LT3430
sn3430 3430is
LT/TP 0802 1.5K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2002
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1074/LT1076
Step-Down Switching Regulators
40V Input, 100kHz, 5A and 2A
LT1082
1A High Voltage Efficiency Switching Voltage Regulator
3V to 75V Input, 60kHz Operation
LTC
®1149
High Efficiency Synchronous Step-Down Switching Regulator External FET Switches, VIN Up to 48V
LT1176
Step-Down Switching Regulator
PDIP LT1076, VIN Up to 35V
LT1339
High Power Synchronous DC/DC Controller
External FET Switches, VIN Up to 60V
LT1370
High Efficiency DC/DC Converter
42V, 6A, 500kHz Switch
LT1371
High Efficiency DC/DC Converter
35V, 3A, 500kHz Switch
LT1372/LT1377
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
Boost Topology, VIN Up to 30V
LTC1435/LTC1436
High Efficiency Step-Down Converter
External Switches, Low Noise, VIN Up to 36V
LT1676
Wide Input Range, High Efficiency,
7.4V to 60V Input, 100kHz Operation, 700mA Internal Switch
Step-Down Switching Regulator
LT1765
Monolithic 3A, 1.25MHz Step-Down Regulator
VIN: 3V to 25V; VREF = 1.2V; SO-8, 16-Lead SSOP Exposed Pad
LT1766
Monolithic 1.5A, 200kHz Step-Down Regulator
VIN: 5.5V to 60V, VREF = 1.2V, GN16, 16-Lead TSSOP Exposed Pad
LT1767
Monolithic 1.5A, 1.25MHz Step-Down Regulator
VIN: 3V to 25V; VREF = 1.2V; 8-Lead MSOP Package
LT1776
Wide Input Range, High Efficiency,
7.4V to 60V Input, 200kHz Operation, 700mA Internal Switch
Step-Down Switching Regulator
LT1777
Low Noise Buck Regulator
Operation Up to 48V, Controlled Voltage
LTC1875
Synchronous 1.5A, 550kHz Step-Down Regulator
VIN: 2.65V to 6V; VREF = 0.8V; PLL; 8-Lead MSOP Package
LTC1878
Monolithic 600mA, 550kHz Step-Down Regulator
VIN: 2.65V to 6V; VREF = 0.8V; 8-Lead MSOP Package
LT1956
Monolithic 1.5A, 500kHz Step-Down Regulator
VIN: 5.5V to 60V, VREF = 1.2V, GN16, 16-Lead TSSOP Exposed Pad
LTC3404
Synchronous 600mA, 1.4MHz Step-Down Regulator
VIN: 2.65V to 6V; VREF = 0.8V; 8-Lead MSOP Package
LTC3405
Synchronous 300mA, 1.5MHz Step-Down Regulator
VIN: 2.5V to 5.5V; VREF = 0.8V; ThinSOT
TM Package
ThinSOT is a trademark of Linear Technology Corporation.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com