Electronic Components Datasheet Search
  English  ▼

X  

LT3430 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3430
Description  High Voltage, 3A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3430 Datasheet HTML 15Page - Linear Technology LT3430 Datasheet HTML 16Page - Linear Technology LT3430 Datasheet HTML 17Page - Linear Technology LT3430 Datasheet HTML 18Page - Linear Technology LT3430 Datasheet HTML 19Page - Linear Technology LT3430 Datasheet HTML 20Page - Linear Technology LT3430 Datasheet HTML 21Page - Linear Technology LT3430 Datasheet HTML 22Page - Linear Technology LT3430 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LT3430
sn3430 3430is
THERMAL CALCULATIONS
Power dissipation in the LT3430 chip comes from four
sources: switch DC loss, switch AC loss, boost circuit
current, and input quiescent current. The following formu-
las show how to calculate each of these losses. These
formulas assume continuous mode operation, so they
should not be used for calculating efficiency at light load
currents.
Switch loss:
P
RI
V
V
tI
V
f
SW
SW OUT
OUT
IN
EFF
OUT
IN
=
() (
)
+
()( )( )
2
12
(/ )
Boost current loss:
P
VI
V
BOOST
OUT
OUT
IN
=
()
2
36
/
Quiescent current loss:
PV
V
Q
IN
OUT
=
()+
()
0 0015
0 003
..
RSW = Switch resistance (≈ 0.15) hot
tEFF = Effective switch current/voltage overlap time
= (tr + tf + tIr + tIf)
tr = (VIN/1.2)ns
tf = (VIN/1.1)ns
tIr = tIf = (IOUT/0.05)ns
f = Switch frequency
Example: with VIN = 40V, VOUT = 5V and IOUT = 2A:
P
W
PW
PW
SW
BOOST
Q
= (
)()()
+
()()()( )()
=+
=
= () () =
=+
=
−
015 2
5
40
150 10
1 2 2 40 200 10
008 1 2
1 28
52 36
40
004
40 0 0015
5 0 003
0 08
2
93
2
.
•/
•
..
.
/
.
(.
)
( .
)
.
Total power dissipation in the IC is given by:
PTOT = PSW + PBOOST + PQ
= 1.28W + 0.04W + 0.08W = 1.4W
Thermal resistance for the LT3430 package is influenced
by the presence of internal or backside planes.
TSSOP (Exposed Pad) Package: With a full plane under the
TSSOP package, thermal resistance will be about 45
°C/W.
To calculate die temperature, use the proper thermal
resistance number for the desired package and add in
worst-case ambient temperature:
TJ = TA + (θJA • PTOT)
When estimating ambient, remember the nearby catch
diode and inductor will also be dissipating power:
P
VV
V
I
V
DIODE
F
IN
OUT
LOAD
IN
=
( )(
–
)(
)
VF = Forward voltage of diode (assume 0.52V at 2A)
PW
DIODE ==
(.
)(
– )( )
.
052 40 5 2
40
091
Notice that the catch diode’s forward voltage contributes
a significant loss in the overall system efficiency. A larger,
lower VF diode can improve efficiency by several percent.
PINDUCTOR = (ILOAD)(LDCR)
LDCR = Inductor DC resistance (assume 0.1Ω)
PINDUCTOR (2)(0.1) = 0.2W
Typical thermal resistance of the board is 5
°C/W. Taking
the catch diode and inductor power dissipation into ac-
count and using the example calculations for LT3430
dissipation, the LT3430 die temperature will be estimated
as:
TJ = TA + (θJA • PTOT) + [10 • (PDIODE + PINDUCTOR)]
With the TSSOP package (
θJA = 45°C/W), at an ambient
temperature of 50
°C:
TJ = 50 + (45 • 1.4) + (5 • 1.11) = 119°C
Die temperature can peak for certain combinations of VIN,
VOUT and load current. While higher VIN gives greater
switch AC losses, quiescent and catch diode losses, a
lower VIN may generate greater losses due to switch DC
losses. In general, the maximum and minimum VIN levels
should be checked with maximum typical load current for
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com