Electronic Components Datasheet Search
  English  ▼

X  

LT3430 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3430
Description  High Voltage, 3A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3430 Datasheet HTML 20Page - Linear Technology LT3430 Datasheet HTML 21Page - Linear Technology LT3430 Datasheet HTML 22Page - Linear Technology LT3430 Datasheet HTML 23Page - Linear Technology LT3430 Datasheet HTML 24Page - Linear Technology LT3430 Datasheet HTML 25Page - Linear Technology LT3430 Datasheet HTML 26Page - Linear Technology LT3430 Datasheet HTML 27Page - Linear Technology LT3430 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LT3430
sn3430 3430is
APPLICATIO S I FOR ATIO
DUAL OUTPUT SEPIC CONVERTER
The circuit in Figure 14 generates both positive and
negative 5V outputs with a single piece of magnetics. The
two inductors shown are actually just two windings on a
standard Coiltronics inductor. The topology for the 5V
output is a standard buck converter. The – 5V topology
would be a simple flyback winding coupled to the buck
converter if C4 were not present. C4 creates a SEPIC
(single-ended primary inductance converter) topology
which improves regulation and reduces ripple current in
L1. Without C4, the voltage swing on L1B compared to
L1A would vary due to relative loading and coupling
losses. C4 provides a low impedance path to maintain an
equal voltage swing in L1B, improving regulation. In a
flyback converter, during switch on time, all the converter’s
energy is stored in L1A only, since no current flows in L1B.
At switch off, energy is transferred by magnetic coupling
into L1B, powering the – 5V rail. C4 pulls L1B positive
during switch on time, causing current to flow, and energy
to build in L1B and C4. At switch off, the energy stored in
both L1B and C4 supply the –5V rail. This reduces the
current in L1A and changes L1B current waveform from
square to triangular. For details on this circuit, including
maximum output currents, see Design Note 100.
POSITIVE-TO-NEGATIVE CONVERTER
The circuit in Figure 15 is a positive-to-negative topology
using a grounded inductor. It differs from the standard
approach in the way the IC chip derives its feedback signal
because the LT3430 accepts only positive feedback sig-
nals. The ground pin must be tied to the regulated negative
output. A resistor divider to the FB pin then provides the
proper feedback voltage for the chip.
The following equation can be used to calculate maximum
load current for the positive-to-negative converter:
I
I
VV
VV
f L
VV
VV
VV
MAX
P
IN
OUT
OUT
IN
OUT
IN
OUT
IN
OUT
F
=
+
++
–
()(
)
()( )( )
()(
– .
)
(– .
)(
)
2
015
015
IP = Maximum rated switch current
VIN = Minimum input voltage
VOUT = Output voltage
VF = Catch diode forward voltage
0.15 = Switch voltage drop at 3A
Example: with VIN(MIN) = 5.5V, VOUT = 12V, L = 10µH,
VF = 0.52V, IP = 3A: IMAX = 0.6A.
VOUT
5V
VOUT
–5V
†
* L1 IS A SINGLE CORE WITH TWO WINDINGS
COILTRONICS #CTX25-4A
† IF LOAD CAN GO TO ZERO, AN OPTIONAL
PRELOAD OF 1k TO 5k MAY BE USED TO
IMPROVE LOAD REGULATION
D1, D3: 30BQ060
VIN
7.5V TO 60V
GND
3430 F14
C2
0.68
µF
CF
220pF
D1
C1
100
µF
10V TANT
C5
100
µF
10V TANT
C3
4.7
µF
100V
CERAMIC
C4
100
µF
10V
TANT
D2
MMSD914TI
D3
L1A*
25
µH
L1B*
R1
15.4k
R2
4.99k
+
+
+
RC
3.3k
CC
0.022
µF
BOOST
VIN
LT3430
SHDN
SYNC
SW
FB
VC
GND
Figure 14. Dual Output SEPIC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com