Electronic Components Datasheet Search
  English  ▼

X  

LT3430 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3430
Description  High Voltage, 3A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430 Datasheet(HTML) 1 Page - Linear Technology

  LT3430 Datasheet HTML 1Page - Linear Technology LT3430 Datasheet HTML 2Page - Linear Technology LT3430 Datasheet HTML 3Page - Linear Technology LT3430 Datasheet HTML 4Page - Linear Technology LT3430 Datasheet HTML 5Page - Linear Technology LT3430 Datasheet HTML 6Page - Linear Technology LT3430 Datasheet HTML 7Page - Linear Technology LT3430 Datasheet HTML 8Page - Linear Technology LT3430 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LT3430
sn3430 3430is
High Voltage, 3A,
200kHz Step-Down
Switching Regulator
August 2002
s
Wide Input Range: 5.5V to 60V
s
3A Peak Switch Current
s
Small Thermally Enhanced 16-Pin TSSOP Package
s
Constant 200kHz Switching Frequency
s
Saturating Switch Design: 0.1
Ω
s
Peak Switch Current Maintained Over
Full Duty Cycle Range
s
Effective Supply Current: 2.5mA
s
Shutdown Current: 30
µA
s
1.2V Feedback Reference Voltage
s
Easily Synchronizable
s
Cycle-by-Cycle Current Limiting
The LT
®3430 is a 200kHz monolithic buck switching regu-
lator that accepts input voltages up to 60V. A high efficiency
3A, 0.1
Ωswitchisincludedonthediealongwithallthenec-
essary oscillator, control and logic circuitry. A current mode
architecture provides fast transient response and excellent
loop stability.
Special design techniques and a new high voltage process
achieve high efficiency over a wide input range. Efficiency
is maintained over a wide output current range by using the
output to bias the circuitry and by utilizing a supply boost
capacitor to saturate the power switch. Patented circuitry
maintains peak switch current over the full duty cycle range.
A shutdown pin reduces supply current to 30
µAandaSYNC
pin can be externally synchronized from 228kHz to 700kHz
with a logic level input.
The LT3430 is available in a thermally enhanced 16-pin
TSSOP package.
s
Industrial and Automotive Power Supplies
s
Portable Computers
s
Battery Chargers
s
Distributed Power Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
5V, 2A Buck Converter
Efficiency vs Load Current
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
BOOST
VIN
6
2, 5
10
12
30BQ060
15.4k
VOUT
5V
2A
3, 4
15
14
11
220pF
0.022
µF
*
†
FOR INPUT VOLTAGES BELOW 7.5V, SOME RESTRICTIONS MAY APPLY
UNITED CHEMI-CON
1, 8, 9, 16
LT3430
SHDN
SYNC
SW
BIAS
FB
VC
GND
0.68
µF
100
µF 10V
SOLID
TANTALUM
22
µH
MMSD914TI
4.99k
3430 TA01
4.7
µF 100V
CERAMIC
†
ON
OFF
VIN
5.5V*
TO 60V
+
3.3k
LOAD CURRENT (A)
0
80
90
100
2.0
3430 TA02
70
60
50
0.5
1.0
1.5
2.5
VIN = 12V
VIN = 42V
VOUT = 5V
L = 27
µH
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Final Electrical Specifications


Similar Part No. - LT3430

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3430 LINER-LT3430 Datasheet
326Kb / 28P
High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
LT3430 LINER-LT3430 Datasheet
312Kb / 26P
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LT3430 LINER-LT3430 Datasheet
207Kb / 20P
True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3430 LINER-LT3430 Datasheet
205Kb / 24P
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3430 LINER-LT3430 Datasheet
287Kb / 28P
Step-Down Switching Regulator
More results

Similar Description - LT3430

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1576 LINER-LT1576 Datasheet
290Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578 Datasheet
286Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
LT1576 LINER-LT1576_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT1578 LINER-LT1578_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT1578-2.5 LINER-LT1578-2.5_15 Datasheet
302Kb / 28P
1.5A, 200kHz Step-Down Switching Regulator
LT3434 LINER-LT3434_15 Datasheet
413Kb / 24P
High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT3430 LINER-LT3430_15 Datasheet
332Kb / 28P
High Voltage, 3A, 200kHz/100kHz Step-Down Switching Regulators
LT3430-1 LINER-LT3430-1_15 Datasheet
332Kb / 28P
High Voltage, 3A, 200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com