Electronic Components Datasheet Search
  English  ▼

X  

ADC12L080 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12L080
Description  450 MHz Bandwidth A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L080 Datasheet(HTML) 3 Page - Texas Instruments

  ADC12L080 Datasheet HTML 1Page - Texas Instruments ADC12L080 Datasheet HTML 2Page - Texas Instruments ADC12L080 Datasheet HTML 3Page - Texas Instruments ADC12L080 Datasheet HTML 4Page - Texas Instruments ADC12L080 Datasheet HTML 5Page - Texas Instruments ADC12L080 Datasheet HTML 6Page - Texas Instruments ADC12L080 Datasheet HTML 7Page - Texas Instruments ADC12L080 Datasheet HTML 8Page - Texas Instruments ADC12L080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
ADC12L080
www.ti.com
SNAS200B – OCTOBER 2004 – REVISED MARCH 2013
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
2
VIN+
Differential analog signal Input pins. With a 1.0V reference voltage
the full-scale differential input signal level is 2.0 VP-P with each input
pin centered on a common mode voltage, VCM. The VIN- pin may be
3
VIN−
connected to VCM for single-ended operation, but a differential input
signal is required for best performance.
Reference input. This pin should be connected to VA to use the
internal 1.0V reference. If it is desired to use an external reference
1
VREF
voltage, this pin should be bypassed to AGND with a 0.1 µF low ESL
capacitor. Specified operation is with a VREF of 1.0V, but the device
will function well with a VREF range indicated in the Electrical Tables.
31
VRP
32
VRM
These pins are high impedance reference bypass pins only. Connect
a 0.1 µF capacitor from each of these pins to AGND. Connect a 1.0
µF capacitor from VRP to VRN. DO NOT LOAD these pins.
30
VRN
DIGITAL I/O
Digital clock input. The range of frequencies for this input is 10 MHz
10
CLK
to 80 MHz with guaranteed performance at 80 MHz. The input is
sampled on the rising edge of this input.
Output format selection. When this pin is LOW, the output format is
offset binary. When this pin is HIGH the output format is two's
11
OF
complement. This pin may be changed asynchronously, but such a
change will result in errors for one or two conversions.
PD is the Power Down input pin. When high, this input puts the
8
PD
converter into the power down mode. When this pin is low, the
converter is in the active mode.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC12L080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com