Electronic Components Datasheet Search
  English  ▼

X  

ADC12L080 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12L080
Description  450 MHz Bandwidth A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L080 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC12L080 Datasheet HTML 6Page - Texas Instruments ADC12L080 Datasheet HTML 7Page - Texas Instruments ADC12L080 Datasheet HTML 8Page - Texas Instruments ADC12L080 Datasheet HTML 9Page - Texas Instruments ADC12L080 Datasheet HTML 10Page - Texas Instruments ADC12L080 Datasheet HTML 11Page - Texas Instruments ADC12L080 Datasheet HTML 12Page - Texas Instruments ADC12L080 Datasheet HTML 13Page - Texas Instruments ADC12L080 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
THD = 20 x log
+ . . . + A
A
f2
2
f10
2
Af1
2
ADC12L080
SNAS200B – OCTOBER 2004 – REVISED MARCH 2013
www.ti.com
FULL POWER BANDWIDTH is a measure of the frequency at which the reconstructed output fundamental
drops 3 dB below its low frequency value for a full scale input.
GAIN ERROR is the deviation from the ideal slope of the transfer function. It can be calculated as:
Gain Error = Positive Full Scale Error
− Offset Error
(1)
INTEGRAL NON LINEARITY (INL) is a measure of the deviation of each individual code from a best fit straight
line. The deviation of any given code from this straight line is measured from the center of that code value.
INTERMODULATION DISTORTION (IMD) is the creation of additional spectral components as a result of two
sinusoidal frequencies being applied to the ADC input at the same time. It is defined as the ratio of the power in
the second and third order intermodulation products to the power in one of the original frequencies. IMD is
usually expressed in dBFS.
MISSING CODES are those output codes that will never appear at the ADC outputs. The ADC12L080 is
guaranteed not to have any missing codes.
NEGATIVE FULL SCALE ERROR is the difference between the input voltage (VIN+ − VIN−) just causing a
transition from negative full scale to the first code and its ideal value of 0/5 LSB.
OFFSET ERROR is the input voltage that will cause a transition from a code of 01 1111 1111 to a code of 10
0000 0000/
OUTPUT DELAY is the time delay after the rising edge of the clock before the data update is presented at the
output pins.
PIPELINE DELAY (LATENCY) is the number of clock cycles between initiation of conversion and when that data
is presented to the output driver stage. Data for any given sample is available at the output pins the Pipeline
Delay plus the Output Delay after the sample is taken. New data is available at every clock cycle, but the data
lags the conversion by the pipeline delay.
POSITIVE FULL SCALE ERROR is the difference between the actual last code transition and its ideal value of
1½ LSB below positive full scale.
POWER SUPPLY REJECTION RATIO (PSRR) is a measure of how well the ADC rejects a change in the power
supply voltage. PSRR1 is the ratio of the change in Full-Scale Gain Error that results from a change in the d.c.
power supply voltage, expressed in dB. PSRR2 is a measure of how well an a.c. signal riding upon the power
supply is rejected at the output.
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in dB, of the rms value of the input signal to the rms
value of the sum of all other spectral components below one-half the sampling frequency, not including
harmonics or d.c.
SIGNAL TO NOISE PLUS DISTORTION (S/N+D or SINAD) Is the ratio, expressed in dB, of the rms value of the
input signal to the rms value of all of the other spectral components below half the clock frequency, including
harmonics but excluding d.c.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the difference, expressed in dB, between the rms values of the
input signal and the peak spurious signal, where a spurious signal is any signal present in the output spectrum
that is not present at the input.
TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dBc, of the rms total of the first nine
harmonic levels at the output to the level of the fundamental at the output. THD is calculated as
(2)
where Af1 is the RMS power of the fundamental (output) frequency and Af2 through Af10 are the RMS power in
the first 9 harmonic frequencies.
Second Harmonic Distortion (2nd Harm) is the difference expressed in dB, between the RMS power in the
input frequency at the output and the power in its 2nd harmonic level at the output.
Third Harmonic Distortion (3rd Harm) is the difference, expressed in dB, between the RMS power in the input
frequency at the output and the power in its 3rd harmonic level at the output.
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: ADC12L080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com