Electronic Components Datasheet Search
  English  ▼

X  

ADC12L080 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12L080
Description  450 MHz Bandwidth A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L080 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC12L080 Datasheet HTML 2Page - Texas Instruments ADC12L080 Datasheet HTML 3Page - Texas Instruments ADC12L080 Datasheet HTML 4Page - Texas Instruments ADC12L080 Datasheet HTML 5Page - Texas Instruments ADC12L080 Datasheet HTML 6Page - Texas Instruments ADC12L080 Datasheet HTML 7Page - Texas Instruments ADC12L080 Datasheet HTML 8Page - Texas Instruments ADC12L080 Datasheet HTML 9Page - Texas Instruments ADC12L080 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ADC12L080
SNAS200B – OCTOBER 2004 – REVISED MARCH 2013
www.ti.com
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, VREF = +1.0V external, VCM = 1.65V, RS < 100Ω, fCLK = 80 MHz, tr = tf = 2 ns, fIN = 70 MHz, CL = 15 pF/pin.
Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1) (2) (3) (4)
Units
Symbol
Parameter
Conditions
Typical(4)
Limits(4)
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits
4.0
LSB (max)
INL
Integral Non Linearity
Best Fit Method
±1.2
-3.3
LSB (min)
1.5
LSB (max)
DNL
Differential Non Linearity
No missing codes
±0.4
-1.0
LSB (min)
+5.7
%FS (max)
Positive Error
−0.15
-2
%FS (min)
GE
Gain Error
+5
%FS (max)
Negative Error
+0.4
-3.7
%FS (min)
Offset Error (VIN+ = VIN−)
+1.7
+0.2
%FS (max)
-0.6
Under Range Output Code
0
0
Over Range Output Code
4095
4095
REFERENCE AND ANALOG INPUT CHARACTERISTICS
0.5
V (min)
VCM
Common Mode Input Voltage
1.65
2.0
V (max)
(CLK LOW)
8
pF
VIN Input Capacitance
CIN
VIN = 1.0 Vdc + 1 VP-P
(each pin to GND)
(CLK HIGH)
7
pF
0.8
V (min)
VREF
Reference Voltage(5)(6)
1.0
1.5
V (max)
(1)
The inputs are protected as shown below. Input voltages above VA or below GND will not damage this device, provided current is limited
per(6). However, errors in the A/D conversion can occur if the input goes above VA or below GND by more than 100 mV. As an example,
if VA is 3.3V, the full-scale input voltage must be ≤3.4V to ensure accurate conversions.
(2)
To guarantee accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2 VP-P differential input), the 12-bit LSB is 488 µV.
(4)
Typical figures are at TA = TJ = 25°C, and represent most likely parametric norms. Test limits are guaranteed to TI's AOQL (Average
Outgoing Quality Level).
(5)
Optimum dynamic performance will be obtained by keeping the reference input in the 0.8V to 1.5V range. The LM4051CIM3-ADJ or the
LM4051CIM3-1.2 band gap voltage reference is recommended for this application.
(6)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA, VD or VDR), the current at that pin
should be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the
power supplies with an input current of 25 mA to two.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: ADC12L080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com