Electronic Components Datasheet Search
  English  ▼

X  

ADC12L080 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12L080
Description  450 MHz Bandwidth A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L080 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC12L080 Datasheet HTML 3Page - Texas Instruments ADC12L080 Datasheet HTML 4Page - Texas Instruments ADC12L080 Datasheet HTML 5Page - Texas Instruments ADC12L080 Datasheet HTML 6Page - Texas Instruments ADC12L080 Datasheet HTML 7Page - Texas Instruments ADC12L080 Datasheet HTML 8Page - Texas Instruments ADC12L080 Datasheet HTML 9Page - Texas Instruments ADC12L080 Datasheet HTML 10Page - Texas Instruments ADC12L080 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ADC12L080
www.ti.com
SNAS200B – OCTOBER 2004 – REVISED MARCH 2013
DC and Logic Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, VREF = +1.0V external, VCM = 1.65V, RS < 100Ω, fCLK = 80 MHz, tr = tf = 2 ns, fIN = 70 MHz, CL = 15 pF/pin.
Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1) (2) (3) (4)
Units
Symbol
Parameter
Conditions
Typical(4)
Limits(4)
(Limits)
DYNAMIC CONVERTER CHARACTERISTICS
BW
Full Power Bandwidth
-0.5 dBFS Input, Output at
−3 dB
450
MHz
fIN = 10 MHz, Differential VIN = −0.5 dBFS
66
64
dB (min)
fIN = 40 MHz, Differential VIN = −0.5 dBFS
65
dB
SNR
Signal-to-Noise Ratio
fIN = 70 MHz, Differential VIN = −0.5 dBFS
65
63
dB (min)
fIN = 150 MHz, Differential VIN = −0.5 dBFS
63
dB
fIN = 10 MHz, Differential VIN = −0.5 dBFS
66
63
dB (min)
fIN = 40 MHz, Differential VIN = −0.5 dBFS
64.5
dB
SINAD
Signal-to-Noise & Distortion
fIN = 70 MHz, Differential VIN = −0.5 dBFS
64
62.7
dB (min)
fIN = 150 MHz, Differential VIN = −0.5 dBFS
62
dB
fIN = 10 MHz, Differential VIN = −0.5 dBFS
10.7
10.2
Bits (min)
fIN = 40 MHz, Differential VIN = 0.5 dBFS
10.4
Bits
ENOB
Effective Number of Bits
fIN = 70 MHz, Differential VIN = −0.5 dBFS
10.3
10.1
Bits (min)
fIN = 150 MHz, Differential VIN = −0.5 dBFS
10.0
Bits
fIN = 10 MHz, Differential VIN = −0.5 dBFS
−77
-66
dB (max)
fIN = 40 MHz, Differential VIN = −0.5 dBFS
-74
dB
THD
Total Harmonic Distortion
fIN = 70 MHz, Differential VIN = −0.5 dBFS
-71
-65
dB (max)
fIN = 150 MHz, Differential VIN = −0.5 dBFS
-70
dB
fIN = 10 MHz, Differential VIN = −0.5 dBFS
−80
-68
dB (max)
fIN = 40 MHz, Differential VIN = −0.5 dBFS
-80
dB
2nd
Second Harmonic Distortion
Harm
fIN = 70 MHz, Differential VIN = −0.5 dBFS
-80
-65.5
dB (max)
fIN = 150 MHz, Differential VIN = −0.5 dBFS
-79
dB
fIN = 10 MHz, Differential VIN = −0.5 dBFS
−84
-69
dB (max)
fIN = 40 MHz, Differential VIN = −0.5 dBFS
-81
dB
3rd
Third Harmonic Distortion
Harm
fIN = 70 MHz, Differential VIN = −0.5 dBFS
-79
-66
dB (max)
fIN = 150 MHz, Differential VIN = −0.5 dBFS
-78
dB
fIN = 10 MHz, Differential VIN = −0.5 dBFS
80
68
dB (min)
fIN = 40 MHz, Differential VIN = −0.5 dBFS
77
dB
SFDR
Spurious Free Dynamic Range
fIN = 70 MHz, Differential VIN = −0.5 dBFS
74
-65.5
dB (min)
fIN = 150 MHz, Differential VIN = −0.5 dBFS
73
dB
fIN1 = 19.6MHz, fIN2 = 20.5 MHz,
66
dBFS
IMD
Intermodulation Distortion
each = -6.0 dBFS
(1)
The inputs are protected as shown below. Input voltages above VA or below GND will not damage this device, provided current is limited
per(6). However, errors in the A/D conversion can occur if the input goes above VA or below GND by more than 100 mV. As an example,
if VA is 3.3V, the full-scale input voltage must be ≤3.4V to ensure accurate conversions.
(2)
To guarantee accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2 VP-P differential input), the 12-bit LSB is 488 µV.
(4)
Typical figures are at TA = TJ = 25°C, and represent most likely parametric norms. Test limits are guaranteed to TI's AOQL (Average
Outgoing Quality Level).
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC12L080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com