Electronic Components Datasheet Search
  English  ▼

X  

ADC12L080 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12L080
Description  450 MHz Bandwidth A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L080 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC12L080 Datasheet HTML 10Page - Texas Instruments ADC12L080 Datasheet HTML 11Page - Texas Instruments ADC12L080 Datasheet HTML 12Page - Texas Instruments ADC12L080 Datasheet HTML 13Page - Texas Instruments ADC12L080 Datasheet HTML 14Page - Texas Instruments ADC12L080 Datasheet HTML 15Page - Texas Instruments ADC12L080 Datasheet HTML 16Page - Texas Instruments ADC12L080 Datasheet HTML 17Page - Texas Instruments ADC12L080 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
ADC12L080
SNAS200B – OCTOBER 2004 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
VA = VD = 3.3V, VDR = 2.5V, VREF = 1.0V external, VCM = 1.65V, fCLK = 80 MHz, fIN = 70 MHz, unless otherwise stated.
SNR,SINAD,SFDR vs. VA
Distortion vs. VA
Figure 14.
Figure 15.
SNR,SINAD,SFDR vs. VDR
Distortion vs. VDR
Figure 16.
Figure 17.
SNR,SINAD,SFDR vs. VCM
Distortion vs. VCM
Figure 18.
Figure 19.
14
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: ADC12L080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com