Electronic Components Datasheet Search
  English  ▼

X  

ADC12L080 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12L080
Description  450 MHz Bandwidth A/D Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L080 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12L080 Datasheet HTML 4Page - Texas Instruments ADC12L080 Datasheet HTML 5Page - Texas Instruments ADC12L080 Datasheet HTML 6Page - Texas Instruments ADC12L080 Datasheet HTML 7Page - Texas Instruments ADC12L080 Datasheet HTML 8Page - Texas Instruments ADC12L080 Datasheet HTML 9Page - Texas Instruments ADC12L080 Datasheet HTML 10Page - Texas Instruments ADC12L080 Datasheet HTML 11Page - Texas Instruments ADC12L080 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ADC12L080
SNAS200B – OCTOBER 2004 – REVISED MARCH 2013
www.ti.com
DC and Logic Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, VREF = +1.0V external, VCM = 1.65V, RS < 100Ω, fCLK = 80 MHz, tr = tf = 2 ns, fIN = 70 MHz, CL = 15 pF/pin.
Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1)(2)(3)(4)
Units
Symbol
Parameter
Conditions
Typical(4)
Limits(4)
(Limits)
CLK, PD, OF DIGITAL INPUT CHARACTERISTICS
VIN(1)
Logical “1” Input Voltage
VD = 3.3V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VD = 3.3V
0.8
V (max)
IIN(1)
Logical “1” Input Current
VIN+, VIN− = 3.3V
10
µA
IIN(0)
Logical “0” Input Current
VIN+, VIN− = 0V
−10
µA
CIN
Digital Input Capacitance
5
pF
D0–D11 DIGITAL OUTPUT CHARACTERISTICS
VOUT(1)
Logical “1” Output Voltage
IOUT = −0.5 mA
VDR − 0.18
V (min)
VOUT(0)
Logical “0” Output Voltage
IOUT = 1.6 mA
0.4
V (max)
+ISC
Output Short Circuit Source Current
VOUT = 0V
−20
mA
−ISC
Output Short Circuit Sink Current
VOUT = 2.5V
20
mA
POWER SUPPLY CHARACTERISTICS
PD Pin = DGND
120
168
mA (max)
IA
Analog Supply Current
PD Pin = VDR
10
mA
PD Pin = DGND
6
11.5
mA (max)
ID
Digital Supply Current
PD Pin = VDR
5
mA
PD Pin = DGND, fin = 0
(5) (6)
<1
mA
IDR
Digital Output Supply Current
PD Pin = VDR
0
mA
PD Pin = DGND, CL = 0 pF
(7)
425
590
mW (max)
Total Power Consumption
PD Pin = VDR
50
mW
Rejection of Full-Scale Gain Error
PSRR1 Power Supply Rejection Ratio
41
dB
change with VA = 3.0V vs. 3.6V
(5)
IDR is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins,
the supply voltage, VDR, and the rate at which the outputs are switching (which is signal dependent). IDR=VDR(C0 x f0 + C1 x f1 +....C11 x
f11) where VDR is the output driver power supply voltage, Cn is total capacitance on the output pin, and fn is the average frequency at
which that pin is toggling.
(6)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA, VD or VDR), the current at that pin
should be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the
power supplies with an input current of 25 mA to two.
(7)
Power consumption excludes output driver power. See Note 5.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: ADC12L080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com