Electronic Components Datasheet Search
  English  ▼

X  

ADS8422IPFBT Datasheet(PDF) 16 Page - Texas Instruments

Part # ADS8422IPFBT
Description  16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8422IPFBT Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS8422IPFBT Datasheet HTML 12Page - Texas Instruments ADS8422IPFBT Datasheet HTML 13Page - Texas Instruments ADS8422IPFBT Datasheet HTML 14Page - Texas Instruments ADS8422IPFBT Datasheet HTML 15Page - Texas Instruments ADS8422IPFBT Datasheet HTML 16Page - Texas Instruments ADS8422IPFBT Datasheet HTML 17Page - Texas Instruments ADS8422IPFBT Datasheet HTML 18Page - Texas Instruments ADS8422IPFBT Datasheet HTML 19Page - Texas Instruments ADS8422IPFBT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
+VIN
-VIN
4Vpp
4Vpp
time
Vincm
THS4131
-VCC
0.1 F
m
+VCC
220pF
Vocm
COMMOUT
+VIN=
ADS8422
+IN
-IN
-VIN=
1
2
8
5
4
6
3
3
7
6
C0G
Vincm + 4Vpp
Vincm + 4Vpp
390 W
390 W
12 W
12 W
390 W
390 W
0.1 F
m
1 mF
ADS8422
SLAS512B – JUNE 2006 – REVISED DECEMBER 2006
PRINCIPLES OF OPERATION (continued)
A.
Input common-mode voltage (Vincm) range is restricted by the amplifier. Refer to the amplifier data sheet for more
information. Output common mode of the THS4131 is set by the voltage at pin 2. The COMMOUT pin of the
ADS8422 is designed to source pin 2 of the THS4131. However to use this feature both the positive supply and
negative supply rails must equal (|-VCC| = |+VCC|), absolutely.
Figure 29. Fully Differential Input Driver Circuit for Unipolar or Bipolar Signals
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com