Electronic Components Datasheet Search
  English  ▼

X  

ADS8422IPFBT Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS8422IPFBT
Description  16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8422IPFBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8422IPFBT Datasheet HTML 4Page - Texas Instruments ADS8422IPFBT Datasheet HTML 5Page - Texas Instruments ADS8422IPFBT Datasheet HTML 6Page - Texas Instruments ADS8422IPFBT Datasheet HTML 7Page - Texas Instruments ADS8422IPFBT Datasheet HTML 8Page - Texas Instruments ADS8422IPFBT Datasheet HTML 9Page - Texas Instruments ADS8422IPFBT Datasheet HTML 10Page - Texas Instruments ADS8422IPFBT Datasheet HTML 11Page - Texas Instruments ADS8422IPFBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
68
14024
13025
93
234937
0
50000
100000
150000
200000
250000
FFFD
FFFE
FFFF
0000
0001
Code-Hex
+VA =5V,
+VAREG=3V,
+VBD=3V,
IntREFIN=4.096V,
262144Points,
Sigma=0.325,
78
13793
235679
12575
19
0
50000
100000
150000
200000
250000
FFFD
FFFE
FFFF
0000
0001
Code-Hex
+VA =5V,
+VAREG=3V,
+VBD=3V,
ExtREFIN=4.096V,
262144Points,
Sigma=0.319,
4.094
4.095
4.096
4.097
4.098
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature- C
A
º
D1
D3
D2
+VA =5V,
+VAREG=3V,
+VBD=3V
ADS8422
SLAS512B – JUNE 2006 – REVISED DECEMBER 2006
TERMINAL FUNCTIONS (continued)
NAME
NO
I/O
DESCRIPTION
DB9
22
O
D9
D1
D9
DB8
23
O
D8
D0 (LSB)
D8
DB7
26
O
D7
All ones
D7
DB6
27
O
D6
All ones
D6
DB5
28
O
D5
All ones
D5
DB4
29
O
D4
All ones
D4
DB3
30
O
D3
All ones
D3
DB2
31
O
D2
All ones
D2
DB1
32
O
D1
All ones
D1
DB0
33
O
D0 (LSB)
All ones
D0 (LSB)
–IN
7
I
Inverting input channel
+IN
6
I
Noninverting input channel
NC
11
–
No connection
Low true signal. A logic low longer than 1.5
µs applied to this pin powers down only the analog outputs that include
PD2
37
I
REFOUT and COMMOUT. (NOTE: The combination PD1 = 1, PD2 = 0 is reserved. Do not use this combination.)
REFIN
1
I
Reference input. Add 0.1-
µF decoupling capacitor between REFIN and REFM.
REFOUT
2
O
Reference output. Add 1-
µF capacitor between the REFOUT pin and REFM pin when internal reference is used.
REFM
47, 48
I
Reference ground
Low true signal. A low pulse applied to this pin resets the ADC; the ongoing conversion is aborted. A low pulse shorter
RESET/PD1
38
I
than 0.5
µs only resets, and one longer than 1.5 µs resets and also powers down the ADC. Note that analog outputs
REFOUT and COMMOUT can be powered down by PD2, if necessary.
RD
41
I
Synchronization pulse for the parallel output.
+VA
4, 46
–
Analog power supplies, 4.75 V to 5.25 VDC
+VAREG
10
–
Regulator supply, 2.85 V to 5.25 VDC
+VBD
24, 34
–
Digital power supply for bus
INTERNAL REFERENCE VOLTAGE
HISTOGRAM OF 262144
HISTOGRAM OF 262144
vs
CONVERSIONS OF DC INPUT AT
CONVERSIONS OF DC INPUT AT
FREE-AIR TEMPERATURE
CENTER CODE (Internal Reference)
CENTER CODE (External Reference)
(Three Devices Shown)
Figure 1.
Figure 2.
Figure 3.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com