Electronic Components Datasheet Search
  English  ▼

X  

ADS8422IPFBT Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS8422IPFBT
Description  16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8422IPFBT Datasheet(HTML) 4 Page - Texas Instruments

  ADS8422IPFBT Datasheet HTML 1Page - Texas Instruments ADS8422IPFBT Datasheet HTML 2Page - Texas Instruments ADS8422IPFBT Datasheet HTML 3Page - Texas Instruments ADS8422IPFBT Datasheet HTML 4Page - Texas Instruments ADS8422IPFBT Datasheet HTML 5Page - Texas Instruments ADS8422IPFBT Datasheet HTML 6Page - Texas Instruments ADS8422IPFBT Datasheet HTML 7Page - Texas Instruments ADS8422IPFBT Datasheet HTML 8Page - Texas Instruments ADS8422IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
SPECIFICATIONS (Continued)
ADS8422
SLAS512B – JUNE 2006 – REVISED DECEMBER 2006
T
A = –40°C to 85°C, +VA = 5 V, +VAREG = 5.25 V to 3 V, +VBD = 5 V to 2.7 V, fSAMPLE = 4 MSPS, Vref = 4.096 V (measured
with internal reference buffer) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
10 kHz
–114
Total harmonic distortion (THD)(1)
VIN = 8 Vpp
100 kHz
–102
dB
500 kHz
–100
10 kHz
93
Signal to noise ratio (SNR)
VIN = 8 Vpp
100 kHz
92
dB
500 kHz
90
10 kHz
92.5
Signal to noise + distortion (SINAD)
VIN = 8 Vpp
100 kHz
91.5
dB
500 kHz
89.5
10 kHz
116
Spurious free dynamic range (SFDR)
VIN = 8 Vpp
100 kHz
109
dB
500 kHz
106
–3dB Small signal bandwidth
30
MHz
Maximum input frequency, fi(max)(2)
VIN = 8 Vpp
2
MHz
VOLTAGE REFERENCE INPUT
Reference voltage at REFIN, Vref
3.9
4.096
4.15
V
Reference resistance
1000
M
Ω
INTERNAL REFERENCE OUTPUT
Internal reference start-up time
From 95% (+VA), with 1-
µF capacitor on REFOUT
25
ms
Reference voltage range, Vref
IO = 0, TA = 25°C
4.088
4.096
4.104
V
Source current
Static load
10
µA
Line regulation
+VA = 4.75 V to 5.25 V
±1
mV
Drift
IO = 0
±6
PPM/
°C
ANALOG COMMON-MODE, PIN 3
Output voltage range
IO = 0
VREF/2 - 0.016
VREF/2
VREF/2 + 0.016
V
Source current
Static load
200
µA
(1)
Calculated on the first nine harmonics of the input frequency.
(2)
ADC Sampling circuit is optimized to accept inputs until Nyquist frequency. Dynamic performance may degrade rapidly above fi(max).
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com