Electronic Components Datasheet Search
  English  ▼

X  

ADS8422IPFBT Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS8422IPFBT
Description  16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8422IPFBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8422IPFBT Datasheet HTML 3Page - Texas Instruments ADS8422IPFBT Datasheet HTML 4Page - Texas Instruments ADS8422IPFBT Datasheet HTML 5Page - Texas Instruments ADS8422IPFBT Datasheet HTML 6Page - Texas Instruments ADS8422IPFBT Datasheet HTML 7Page - Texas Instruments ADS8422IPFBT Datasheet HTML 8Page - Texas Instruments ADS8422IPFBT Datasheet HTML 9Page - Texas Instruments ADS8422IPFBT Datasheet HTML 10Page - Texas Instruments ADS8422IPFBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
PIN ASSIGNMENTS
23
BUSY
BDGND
+VBD
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
BDGND
13 14
1
2
3
4
5
6
7
8
9
10
11
12
REFIN
REFOUT
COMMOUT
+VA
AGND
+IN
−IN
AGND
CAP1
+VAREG
NC
AGND
15 16 17 18
47 46 45 44 43
48
42
40 39 38
41
19 20 21 22
36
35
34
33
32
31
30
29
28
27
26
25
24
37
ADS8422
SLAS512B – JUNE 2006 – REVISED DECEMBER 2006
PFB Package
(Top View)
A.
NC - No connection
B.
Pins 9 and 13 are internally regulated 3-V outputs and are externally to be connected to decoupling capacitors only.
C.
+VAREG can be connected to a 3-V to 5-V supply.
D.
Pin 3 outputs REFIN/2
E.
Pin 38 can be used for ADC powerdown and pin 37 for analog output powerdown.
TERMINAL FUNCTIONS
NAME
NO
I/O
DESCRIPTION
5, 8, 12, 14,
AGND
–
Analog ground
15, 44, 45
BDGND
25, 35
–
Digital ground for bus interface digital supply
BUSY
36
O
Status output. High when a conversion is in progress.
Byte select input. Used for 8-bit bus reading.
BYTE
39
I
0: No fold back
1: Low byte D[7:0] of the 16 most significant bits is folded back to high byte of the 16 most significant pins DB[15:8].
This pin outputs REFIN/2 and can be used to set the common-mode voltage of the differential analog input, (+IN +
COMMOUT
3
O
–IN)/2.
CONVST
40
I
Convert start. This input is low true and can act independent of the CS input.
CS
42
I
Chip select.
CAP1, CAP2
9, 13
O
Decoupling of internally generated 3-V supply. Add 1-
µF capacitor from these pins to AGND.
8-BIT BUS
16-BIT BUS
Data Bus
BYTE = 0
BYTE = 1
BYTE = 0
DB15
16
O
D15 (MSB)
D7
D15 (MSB)
DB14
17
O
D14
D6
D14
DB13
18
O
D13
D5
D13
DB12
19
O
D12
D4
D12
DB11
20
O
D11
D3
D11
DB10
21
O
D10
D2
D10
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com