Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2564MODACMOG
Description  Bluetooth Host Controller Interface (HCI) Module
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 2 Page - Texas Instruments

  CC2564MODACMOG Datasheet HTML 1Page - Texas Instruments CC2564MODACMOG Datasheet HTML 2Page - Texas Instruments CC2564MODACMOG Datasheet HTML 3Page - Texas Instruments CC2564MODACMOG Datasheet HTML 4Page - Texas Instruments CC2564MODACMOG Datasheet HTML 5Page - Texas Instruments CC2564MODACMOG Datasheet HTML 6Page - Texas Instruments CC2564MODACMOG Datasheet HTML 7Page - Texas Instruments CC2564MODACMOG Datasheet HTML 8Page - Texas Instruments CC2564MODACMOG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
CC2564MODN, CC2564MODA
SWRS160D – FEBRUARY 2014 – REVISED DECEMBER 2015
www.ti.com
1.2
Applications
•
Mobile Accessories
•
Industrial: Cable Replacement
•
Sports and Fitness Applications
•
Wireless Sensors
•
Wireless Audio Solutions
•
Automotive Aftermarket
•
Remote Controls
•
Point of Service (POS)
•
Toys
•
Wellness and Health
•
Test and Measurement
1.3
Description
The TI CC2564MODx module is a complete Bluetooth BR/EDR/LE HCI solution based on TI's CC2564B
dual-mode Bluetooth single-chip device, which reduces design effort and enables fast time to market. The
CC2564MODx module includes TI's seventh-generation Bluetooth core and provides a product-proven
solution that is Bluetooth 4.1 compliant. The CC2564MODx module provides best-in-class RF
performance with a transmit power and receive sensitivity that provides range of about 2X compared to
other BLE-only solutions. Furthermore, TI’s power management hardware and software algorithms provide
significant power savings in all commonly used Bluetooth BR/EDR/LE modes of operation.
The TI Dual-Mode Bluetooth Stack software is certified and provided royalty free for TI's MSP430 and
ARM Cortex-M3 and Cortex-M4 MCUs. Other MPUs can be supported through TI's third party. iPod®
(MFi) protocol is supported by add-on software packages. For more information, see TI Dual-Mode
Bluetooth Stack. Some of the profiles supported include the following:
•
Serial port profile (SPP)
•
Advanced audio distribution profile (A2DP)
•
Audio/video remote control profile (AVRCP)
•
Handsfree profile (HFP)
•
Human interface device (HID)
•
Generic attribute profile (GATT)
•
Several Bluetooth LE profiles and services
In addition to software, the CC2564MODxEM evaluation board is available for each variant. For more
information on TI’s wireless platform solutions for Bluetooth, see TI's CC256x wiki.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC2564MODNCMOET
MOE (33)
7.0 mm × 7.0 mm × 1.4 mm (Typ)
CC2564MODNCMOER
MOE (33)
7.0 mm × 7.0 mm × 1.4 mm (Typ)
CC2564MODACMOG
MOG (35)
7.0 mm × 14.0 mm × 1.4 mm (Typ)
(1)
For more information on these devices, see Section 8.2, Packaging and Ordering.
space
2
Device Overview
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com