Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC2564MODACMOG
Description  Bluetooth Host Controller Interface (HCI) Module
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 2Page - Texas Instruments CC2564MODACMOG Datasheet HTML 3Page - Texas Instruments CC2564MODACMOG Datasheet HTML 4Page - Texas Instruments CC2564MODACMOG Datasheet HTML 5Page - Texas Instruments CC2564MODACMOG Datasheet HTML 6Page - Texas Instruments CC2564MODACMOG Datasheet HTML 7Page - Texas Instruments CC2564MODACMOG Datasheet HTML 8Page - Texas Instruments CC2564MODACMOG Datasheet HTML 9Page - Texas Instruments CC2564MODACMOG Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
CC2564MODN, CC2564MODA
SWRS160D – FEBRUARY 2014 – REVISED DECEMBER 2015
www.ti.com
3.2
Pin Attributes
Table 3-1 describes the pin attributes.
Table 3-1. Pin Attributes
ESD(1)
PULL AT
DEF.
I/O
NAME
NO.
DESCRIPTION
(V)
RESET
DIR.(2)
Type(3)
HCI UART clear-to-send. The device can send data when
HCI_CTS
1
750
PU
I
8 mA
HCI_CTS is low.
HCI_TX
2
750
PU
O
8 mA
HCI UART data transmit
HCI_RX
3
750
PU
I
8 mA
HCI UART data receive
HCI UART request-to-send. Host can send data when
HCI_RTS
4
750
PU
O
8 mA
HCI_RTS is low.
GND
5
1000
Ground
NC
6
I
Not connected
GND
7
1000
Ground
SLOW_CLK_IN
8
1000
I
32.768-kHz clock in
Fail-safe
GND
9
1000
Ground
NC
10
O
Not connected
NC
11
O
Not connected
VDD_IN
12
I
Main power supply for the module (2.2 to 4.8 V)
GND
13
Ground
BT_ANT
500
IO
Bluetooth RF I/O (CC2564MODN only)
14
NC
Not connected (CC2564MODA only)
GND
15
Ground
nSHUTD
16
PD
I
Shutdown input (active low)
GND
17
Ground
VDD_IO
18
1000
I
I/O power supply (1.8 V nominal)
AUD_IN
19
500
PD
I
4 mA
PCM data input
Fail-safe
AUD_OUT
20
500
PD
O
4 mA
PCM data output
Fail-safe
AUD_CLK
21
500
PD
I/O
HY, 4 mA
PCM clock
Fail-safe
AUD_FSYNC
22
500
PD
I/O
4 mA
PCM frame sync
Fail-safe
NC
23
500
PD
I/O
4 mA
Not Connected
TI internal debug messages. TI recommends
TX_DBG
24
1000
PU
O
2 mA
leaving a test point.
GNDPAD
25
1000
Ground
GNDPAD
26
1000
Ground
GNDPAD
27
1000
Ground
GNDPAD
28
1000
Ground
GNDPAD
29
1000
Ground
GNDPAD
30
1000
Ground
GNDPAD
31
1000
Ground
GNDPAD
32
1000
Ground
GNDPAD
33
1000
Ground
GNDPAD
34
1000
Ground (CC2564MODA only)
GNDPAD
35
1000
Ground (CC2564MODA only)
(1)
ESD: Human Body Model (HBM). JEDEC 22-A114 2-wire method. CDM: All pins pass 500 V except BT_ANT, which passes 400 V.
(2)
I = input; O = output; I/O = bidirectional
(3)
I/O Type: Digital I/O cells. HY = input hysteresis, current = typical output current
6
Terminal Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com