Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # CC2564MODACMOG
Description  Bluetooth Host Controller Interface (HCI) Module
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 26Page - Texas Instruments CC2564MODACMOG Datasheet HTML 27Page - Texas Instruments CC2564MODACMOG Datasheet HTML 28Page - Texas Instruments CC2564MODACMOG Datasheet HTML 29Page - Texas Instruments CC2564MODACMOG Datasheet HTML 30Page - Texas Instruments CC2564MODACMOG Datasheet HTML 31Page - Texas Instruments CC2564MODACMOG Datasheet HTML 32Page - Texas Instruments CC2564MODACMOG Datasheet HTML 33Page - Texas Instruments CC2564MODACMOG Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
CC2564MODN, CC2564MODA
SWRS160D – FEBRUARY 2014 – REVISED DECEMBER 2015
www.ti.com
Figure 6-2 shows the reference schematics for the CC2564MODA module.
Figure 6-2. CC2564MODA Reference Schematics
6.2
Layout
This section provides the printed circuit board (PCB) layout rules and considerations, including component
placement and routing guidelines, when designing a board with the CC2564MODx module.
The integrator of the CC2564MODx module must comply with the PCB layout recommendations described
in the following subsections to preserve the FCC and Industry Canada (IC) modular radio certification.
Moreover, TI recommends customers follow the guidelines described in this section to achieve similar
performance to that obtained with the TI reference design.
6.2.1
Layout Guidelines
6.2.1.1
PCB Stack-Up
The recommended PCB stack-up is a four-layer design based on a standard flame-retardant 4 (FR4)
material (see Figure 6-3):
Layer 1 (TOP – RF + Signal) Use layer 1 to place the module on and to route signal traces. In particular,
the RF trace must be run on this layer.
Layer 2 (L2 – Ground) Layer 2 must be a solid ground layer.
Layer 3 (L3 – Power) Use layer 3 to route power traces or place power planes.
Layer 4 (BOTTOM – Signal) Use layer 4 as a second routable layer to run signal traces (except RF
signals).
30
Applications, Implementation, and Layout
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com