Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CC2564MODACMOG
Description  Bluetooth Host Controller Interface (HCI) Module
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 28Page - Texas Instruments CC2564MODACMOG Datasheet HTML 29Page - Texas Instruments CC2564MODACMOG Datasheet HTML 30Page - Texas Instruments CC2564MODACMOG Datasheet HTML 31Page - Texas Instruments CC2564MODACMOG Datasheet HTML 32Page - Texas Instruments CC2564MODACMOG Datasheet HTML 33Page - Texas Instruments CC2564MODACMOG Datasheet HTML 34Page - Texas Instruments CC2564MODACMOG Datasheet HTML 35Page - Texas Instruments CC2564MODACMOG Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
CC2564MODN, CC2564MODA
SWRS160D – FEBRUARY 2014 – REVISED DECEMBER 2015
www.ti.com
6.2.1.2
RF Interface Guidelines
6.2.1.2.1 RF Trace (CC2564MODN Only)
Route the RF traces on layer 1 (top) and keep the routes as short as possible. These traces must be 50-
Ω, controlled-impedance traces with reference to the solid ground in the layer 2-microstrip transmission
line. The TI reference design uses an RF trace width equal to 17 mils, which conforms to a 50
Ω-±3%
simulated result, based on the following PCB properties: (see Table 6-1 and Figure 6-4).
•
Substrate height: 10 mils
•
Substrate dielectric: 4.2
•
Trace width: 17 mils
•
Trace thickness: 1.4 mils
•
Ground clearance: 20 mils
TI recommends the following guidelines for a good RF trace design:
•
The RF traces must have via stitching on both ground planes around the RF trace (see Figure 6-4).
•
Avoid placing clock signals close to the RF path.
•
Place a u.FL connector (or similar) between the module and antenna if possible or during prototype
phases (see Figure 6-4.)
•
The RF path should look like one single path along the RF traces and matching components. See
Figure 6-5 for the good (OK) case versus the not good (NG) case.
•
The RF trace bends must be gradual with an approximate maximum bend of 45 degrees with trace
mitered. RF traces must not have sharp corners. In addition:
–
Avoid case (1) in Figure 6-6. A right angle leads to scattering and makes matching weak.
–
Case (2) in Figure 6-6 is not recommended. Even if this bend had a good 50
Ω, a careful simulation
would be required.
–
Case (3) in Figure 6-6 is recommended. The half-arc angle reduces scattering caused by a right
angle.
Figure 6-4. Placing a u.FL Connector Between the Module and Antenna
32
Applications, Implementation, and Layout
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com