Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC2564MODACMOG
Description  Bluetooth Host Controller Interface (HCI) Module
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 17Page - Texas Instruments CC2564MODACMOG Datasheet HTML 18Page - Texas Instruments CC2564MODACMOG Datasheet HTML 19Page - Texas Instruments CC2564MODACMOG Datasheet HTML 20Page - Texas Instruments CC2564MODACMOG Datasheet HTML 21Page - Texas Instruments CC2564MODACMOG Datasheet HTML 22Page - Texas Instruments CC2564MODACMOG Datasheet HTML 23Page - Texas Instruments CC2564MODACMOG Datasheet HTML 24Page - Texas Instruments CC2564MODACMOG Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
CC2564MODN, CC2564MODA
www.ti.com
SWRS160D – FEBRUARY 2014 – REVISED DECEMBER 2015
•
Long and short frames
•
Different data sizes, order, and positions
•
High flexibility to support a variety of codecs
•
Bus sharing: Data_Out is in Hi-Z state when the interface is not transmitting voice data.
5.8.1
Hardware Interface
The interface includes four signals:
•
Clock: configurable direction (input or output)
•
Frame_Sync and Word_Sync: configurable direction (input or output)
•
Data_In: input
•
Data_Out: output or 3-state
The module can be the master of the interface when generating the Clock and Frame_Sync signals or the
slave when receiving these two signals.
For slave mode, clock input frequencies of up to 15 MHz are supported. At clock rates above 12 MHz, the
maximum data burst size is 32 bits.
For master mode, the module can generate any clock frequency between 64 kHz and 4.096 MHz.
5.8.2
I2S
When the codec interface is configured to support the I2S protocol, these settings are recommended:
•
Bidirectional, full-duplex interface
•
Two time slots per frame: time slot-0 for the left channel audio data; and time slot-1 for the right
channel audio data
•
Each time slot is configurable up to 40 serial clock cycles long, and the frame is configurable up to 80
serial clock cycles long.
5.8.3
Data Format
The data format is fully configurable:
•
The data length can be from 8 to 320 bits in 1-bit increments when working with 2 channels, or up to
640 bits when working with 1 channel. The data length can be set independently for each channel.
•
The data position within a frame is also configurable within 1 clock (bit) resolution and can be set
independently (relative to the edge of the Frame_Sync signal) for each channel.
•
The Data_In and Data_Out bit order can be configured independently. For example, Data_In can start
with the most significant bit (MSB); Data_Out can start with the least significant bit (LSB). Each
channel is separately configurable. The inverse bit order (that is, LSB first) is supported only for
sample sizes up to 24 bits.
•
Data_In and Data_Out are not required to be the same length.
•
The Data_Out line is configured to Hi-Z output between data words. Data_Out can also be set for
permanent Hi-Z, regardless of the data output. This configuration allows the module to be a bus slave
in a multislave PCM environment. At power up, Data_Out is configured as Hi-Z.
5.8.4
Frame Idle Period
The codec interface handles frame idle periods, in which the clock pauses and becomes 0 at the end of
the frame, after all data are transferred.
The module supports frame idle periods both as master and slave of the codec bus.
When the module is the master of the interface, the frame idle period is configurable. There are two
configurable parameters:
Copyright © 2014–2015, Texas Instruments Incorporated
Detailed Description
21
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com