Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # CC2564MODACMOG
Description  Bluetooth Host Controller Interface (HCI) Module
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 53 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 49Page - Texas Instruments CC2564MODACMOG Datasheet HTML 50Page - Texas Instruments CC2564MODACMOG Datasheet HTML 51Page - Texas Instruments CC2564MODACMOG Datasheet HTML 52Page - Texas Instruments CC2564MODACMOG Datasheet HTML 53Page - Texas Instruments CC2564MODACMOG Datasheet HTML 54Page - Texas Instruments CC2564MODACMOG Datasheet HTML 55Page - Texas Instruments CC2564MODACMOG Datasheet HTML 56Page - Texas Instruments CC2564MODACMOG Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
TXXXXXX
M/N : CC2564MODN
CC2564MODN, CC2564MODA
www.ti.com
SWRS160D – FEBRUARY 2014 – REVISED DECEMBER 2015
8.2
Packaging and Ordering
8.2.1
Package and Ordering Information
Table 8-1. Package and Ordering Information
MINIMUM
PACKAGE
PART NUMBER(1)
STATUS
ORDERABLE
TYPE
QUANTITY
CC2564MODNCMOET
Active
MOE
250
CC2564MODNCMOER
Active
MOE
2000
CC2564MODACMOG
Active
MOG
250
(1)
Part number marking key:
•
CC2564MODx – module variant (N: external antenna; A:
integrated antenna)
•
C – module marking (commercial)
•
MOx – module package type: MOE (33 pins); MOG (35 pins)
•
x – packaging designator (R: large T&R; T: small T&R; blank:
tray
Figure 8-1 shows the markings for the CC2564MODN module.
Figure 8-1. CC2564MODN Markings
Copyright © 2014–2015, Texas Instruments Incorporated
Mechanical, Packaging, and Orderable Information
47
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com