Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC2564MODACMOG
Description  Bluetooth Host Controller Interface (HCI) Module
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 4 Page - Texas Instruments

  CC2564MODACMOG Datasheet HTML 1Page - Texas Instruments CC2564MODACMOG Datasheet HTML 2Page - Texas Instruments CC2564MODACMOG Datasheet HTML 3Page - Texas Instruments CC2564MODACMOG Datasheet HTML 4Page - Texas Instruments CC2564MODACMOG Datasheet HTML 5Page - Texas Instruments CC2564MODACMOG Datasheet HTML 6Page - Texas Instruments CC2564MODACMOG Datasheet HTML 7Page - Texas Instruments CC2564MODACMOG Datasheet HTML 8Page - Texas Instruments CC2564MODACMOG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
CC2564MODN, CC2564MODA
SWRS160D – FEBRUARY 2014 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
1
Device Overview
......................................... 1
5.5
Bluetooth LE Description
............................ 18
1.1
Features
.............................................. 1
5.6
Bluetooth Transport Layers
......................... 19
1.2
Applications
........................................... 2
5.7
Host Controller Interface
............................ 19
1.3
Description
............................................ 2
5.8
Digital Codec Interface
.............................. 20
1.4
Functional Block Diagram
............................ 3
5.9
Assisted Modes
..................................... 23
1.5
Related Links
......................................... 3
6
Applications, Implementation, and Layout
........ 29
2
Revision History
......................................... 4
6.1
Reference Design Schematics
..................... 29
3
Terminal Configuration and Functions
.............. 5
6.2
Layout
.............................................. 30
3.1
Pin Diagram
.......................................... 5
6.3
Soldering Recommendations
....................... 40
3.2
Pin Attributes
......................................... 6
7
Device and Documentation Support
............... 41
4
Specifications
............................................ 7
7.1
Device Certification and Qualification
............... 41
4.1
Absolute Maximum Ratings
.......................... 7
7.2
Device Support
...................................... 41
4.2
ESD Ratings
.......................................... 7
7.3
Documentation Support
............................. 42
4.3
Power-On Hours
...................................... 7
7.4
Related Links
........................................ 42
4.4
Recommended Operating Conditions
................ 7
7.5
Community Resources
.............................. 42
4.5
Power Consumption Summary
....................... 8
7.6
Trademarks
.......................................... 42
4.6
Electrical Characteristics
............................. 9
7.7
Electrostatic Discharge Caution
..................... 43
4.7
Timing and Switching Characteristics
................ 9
7.8
Glossary
............................................. 43
5
Detailed Description
................................... 17
8
Mechanical, Packaging, and Orderable
Information
.............................................. 44
5.1
Overview
............................................ 17
8.1
Mechanical Data
.................................... 44
5.2
Functional Block Diagram
........................... 17
8.2
Packaging and Ordering
............................ 47
5.3
Functional Blocks
................................... 18
5.4
Bluetooth BR/EDR Description
...................... 18
2
Revision History
Changes from Revision C (November 2015) to Revision D
Page
•
Added CC2564MODA device variant
............................................................................................. 1
•
Added applications in Section 1.2, Applications
................................................................................. 2
•
Changed VBAT to VDD_IN Figure 5-1 and Figure 5-2
.......................................................................... 3
•
Changed storage temperature range in Section 4.1, Absolute Maximum Ratings
........................................... 7
•
Changed restrictions on verification of parameters in Section 4.7.4.1, Bluetooth BR/EDR RF Performance
........... 14
•
Changed restrictions on verification of parameters in Section 4.7.4.2, Bluetooth LE RF Performance
................. 16
•
Changed values for Adjacent channel power |M-N| = 2 and Adjacent channel power |M-N| > 2 in
Section 4.7.4.2.2, Bluetooth LE Transmitter
..................................................................................... 16
•
Added "Includes a 128-bit hardware encryption accelerator as defined by the Bluetooth specifications" in
Section 5.4, Bluetooth BR/EDR Description
..................................................................................... 18
•
Changed Figure 5-10
.............................................................................................................. 27
•
Changed Figure 5-11
............................................................................................................... 28
•
Changed Section 6.2.2.1, CC2564MODN Reference Design
................................................................ 39
4
Revision History
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com