Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC2564MODACMOG
Description  Bluetooth Host Controller Interface (HCI) Module
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2564MODACMOG Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2564MODACMOG Datasheet HTML 9Page - Texas Instruments CC2564MODACMOG Datasheet HTML 10Page - Texas Instruments CC2564MODACMOG Datasheet HTML 11Page - Texas Instruments CC2564MODACMOG Datasheet HTML 12Page - Texas Instruments CC2564MODACMOG Datasheet HTML 13Page - Texas Instruments CC2564MODACMOG Datasheet HTML 14Page - Texas Instruments CC2564MODACMOG Datasheet HTML 15Page - Texas Instruments CC2564MODACMOG Datasheet HTML 16Page - Texas Instruments CC2564MODACMOG Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
AUD_CLK
AUD_OUT / FSYNC_OUT
AUD_IN / FSYNC_IN
t
ih
t
op
t
is
T
clk
T
w
td_aud_swrs064
T
w
CC2564MODN, CC2564MODA
www.ti.com
SWRS160D – FEBRUARY 2014 – REVISED DECEMBER 2015
4.7.3.2
PCM
Figure 4-4 shows the interface timing for the PCM.
Figure 4-4. PCM Interface Timing
Table 4-5 lists the associated PCM master parameters.
Table 4-5. PCM Master
Symbol
PARAMETER
CONDITION
MIN
MAX
UNIT
Tclk
Cycle time
244.14
15625
(4.096 MHz)
(64 kHz)
Tw
High or low pulse width
50% of Tclk min
tis
AUD_IN setup time
25
ns
tih
AUD_IN hold time
0
top
AUD_OUT propagation time
40-pF load
0
10
top
FSYNC_OUT propagation time
40-pF load
0
10
Table 4-6 lists the associated PCM slave parameters.
Table 4-6. PCM Slave
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
Tclk
Cycle time
66.67
(15 MHz)
Tw
High or low pulse width
40% of Tclk
Tis
AUD_IN setup time
8
ns
Tih
AUD_IN hold time
0
tis
AUD_FSYNC setup time
8
tih
AUD_FSYNC hold time
0
top
AUD_OUT propagation time
40-pF load
0
21
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
13
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com