| Electronic Components Datasheet Search |
|
AM1705DPTP3 Datasheet(PDF) 101 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM1705DPTP3 Datasheet(HTML) 101 Page - Texas Instruments |
|
101 / 165 page ![]() AM1705 www.ti.com SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014 6.17.2 SPI Electrical Data/Timing 6.17.2.1 Serial Peripheral Interface (SPI) Timing Table 6-49 through Table 6-64 assume testing over recommended operating conditions (see Figure 6-33 through Figure 6-36). Table 6-49. General Timing Requirements for SPI0 Master Modes(1) No. PARAMETER MIN MAX UNIT 1 tc(SPC)M Cycle Time, SPI0_CLK, All Master Modes greater of 3P or 20 256P ns 2 tw(SPCH)M Pulse Width High, SPI0_CLK, All Master Modes 0.5tc(SPC)M - 1 ns 3 tw(SPCL)M Pulse Width Low, SPI0_CLK, All Master Modes 0.5tc(SPC)M - 1 ns Polarity = 0, Phase = 0, 5 to SPI0_CLK rising Polarity = 0, Phase = 1, - 0.5tc(SPC)M + 5 Delay, initial data bit valid on to SPI0_CLK rising 4 td(SIMO_SPC)M SPI0_SIMO after initial edge ns Polarity = 1, Phase = 0, on SPI0_CLK(2) 5 to SPI0_CLK falling Polarity = 1, Phase = 1, - 0.5tc(SPC)M + 5 to SPI0_CLK falling Polarity = 0, Phase = 0, 5 from SPI0_CLK rising Polarity = 0, Phase = 1, 5 Delay, subsequent bits valid from SPI0_CLK falling 5 td(SPC_SIMO)M on SPI0_SIMO after transmit ns Polarity = 1, Phase = 0, edge of SPI0_CLK 5 from SPI0_CLK falling Polarity = 1, Phase = 1, 5 from SPI0_CLK rising Polarity = 0, Phase = 0, 0.5tc(SPC)M - 3 from SPI0_CLK falling Polarity = 0, Phase = 1, 0.5tc(SPC)M - 3 Output hold time, SPI0_SIMO from SPI0_CLK rising 6 toh(SPC_SIMO)M valid afterreceive edge of ns Polarity = 1, Phase = 0, SPI0_CLK 0.5tc(SPC)M - 3 from SPI0_CLK rising Polarity = 1, Phase = 1, 0.5tc(SPC)M - 3 from SPI0_CLK falling Polarity = 0, Phase = 0, 0 to SPI0_CLK falling Polarity = 0, Phase = 1, 0 Input Setup Time, SPI0_SOMI to SPI0_CLK rising 7 tsu(SOMI_SPC)M valid beforereceive edge of ns Polarity = 1, Phase = 0, SPI0_CLK 0 to SPI0_CLK rising Polarity = 1, Phase = 1, 0 to SPI0_CLK falling Polarity = 0, Phase = 0, 5 from SPI0_CLK falling Polarity = 0, Phase = 1, 5 Input Hold Time, SPI0_SOMI from SPI0_CLK rising 8 tih(SPC_SOMI)M valid after ns Polarity = 1, Phase = 0, receive edge of SPI0_CLK 5 from SPI0_CLK rising Polarity = 1, Phase = 1, 5 from SPI0_CLK falling (1) P = SYSCLK2 period (2) First bit may be MSB or LSB depending upon SPI configuration. MO(0) refers to first bit and MO(n) refers to last bit output on SPI0_SIMO. MI(0) refers to the first bit input and MI(n) refers to the last bit input on SPI0_SOMI. Copyright © 2010–2014, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 101 Submit Documentation Feedback Product Folder Links: AM1705 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |